Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3273142 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part No. 3273142
Description  Distribution block - PTFIX 6X2,5-NS35A BN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273142 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  3273142 Datasheet HTML 1Page - PHOENIX CONTACT 3273142 Datasheet HTML 2Page - PHOENIX CONTACT 3273142 Datasheet HTML 3Page - PHOENIX CONTACT 3273142 Datasheet HTML 4Page - PHOENIX CONTACT 3273142 Datasheet HTML 5Page - PHOENIX CONTACT 3273142 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
https://www.phoenixcontact.com/pi/products/3273142
02/28/2019   Page 6 / 6
Distribution block - PTFIX 6X2,5-NS35A BN - 3273142
Approvals
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-60113
 
 
Nominal voltage UN
630 V
Nominal current IN
24 A
VDE Zeichengenehmigung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40047797
 
 
Nominal voltage UN
630 V
Nominal current IN
24 A
EAC 
 
 RU C-
DE.AI30.B.01102
cULus Recognized 
 
 
Phoenix Contact 2019 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn