Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3273142 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part No. 3273142
Description  Distribution block - PTFIX 6X2,5-NS35A BN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273142 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3273142 Datasheet HTML 1Page - PHOENIX CONTACT 3273142 Datasheet HTML 2Page - PHOENIX CONTACT 3273142 Datasheet HTML 3Page - PHOENIX CONTACT 3273142 Datasheet HTML 4Page - PHOENIX CONTACT 3273142 Datasheet HTML 5Page - PHOENIX CONTACT 3273142 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/3273142
02/28/2019   Page 4 / 6
Distribution block - PTFIX 6X2,5-NS35A BN - 3273142
Technical data
Dimensions
Height NS 35/7,5
30.9 mm
Connection data
Connection method
Push-in connection
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
12
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
2.5 mm²
Min. AWG conductor cross section, flexible
26
Max. AWG conductor cross section, flexible
14
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.14 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
2.5 mm²
Stripping length
8 mm ... 10 mm
Internal cylindrical gage
A3
Standards and Regulations
Connection in acc. with standard
IEC 60947-7-1
Flammability rating according to UL 94
V0
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Circuit diagram
Approvals
Approvals


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn