Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NT7702 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. NT7702
Description  240 Output LCD Segment/Common Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT7702 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NT7702 Datasheet HTML 1Page - List of Unclassifed Manufacturers NT7702 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT7702 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT7702 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT7702 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT7702 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT7702 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT7702 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT7702 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
NT7702
240 Output LCD Segment/Common Driver
1V1.0
Features
(Segment mode)
! Shift Clock frequency:
20 MHz (Max.) (VDD = 5 V
± 10%)
! Adopts a data bus system
! 4-bit/8-bit parallel input modes are selectable with a
mode (MD) pin
! Automatic transfer function with an enable signal
! Automatic counting function when in the chip select
mode, causes the internal clock to be stopped by
automatically counting 240 bits of input data
(Common mode)
! Shift clock frequency :
4.0 MHz (Max.)
! Built-in 240-bits bidirectional shift register (divisible into
120-bits x 2)
! Available in a single mode (240-bits shift register) or in a
dual mode(120-bits shift register x 2)
1. Y1
→ Y240
Single mode
2. Y240
→ Y1
Single mode
3. Y1
→ Y120, Y121 → Y240
Dual mode
4. Y240
→ Y121, Y120 → Y1
Dual mode
The above 4 shift directions are pin-selectable
(Both for segment mode and common mode)
! Supply voltage for LCD driver: 15.0 to 30.0 V
! Number of LCD driver outputs: 240
! Low output impedance
! Low power consumption
! Supply voltage for the logic system: +2.5 to +5.5 V
! COMS process
! Package: 272pin TCP (Tape Carrier Package)
! Not designed or rated as radiation hardened
General Description
The NT7702 is a 240-bit output segment/common driver LSI
suitable for driving large scale dot matrix LCD panels using
as PDA/personal computers/work stations. Through the use
of SST (Super Slim TCP) technology, it is ideal for
substantially decreasing the size of the frame section of the
LCD module. The NT7702 is good as both a segment driver
and as a common driver, and a low power consuming, high-
precision LCD panel display can be assembled using the
NT7702. In the segment mode, the data input is selected as
4bit parallel input mode or as 8bit parallel input mode by a
mode (MD) pin. In the common mode, the data input/output
pins are bi-directional and the four data shift directions are
pin-selectable.
Pin Configuration
NT7702
151
Y
1
2
3
Y
1
2
2
Y
1
2
1
Y
1
2
0
Y
1
1
9
Y
1
1
8
152
153
154
155
150
33
Y
5
Y
4
Y
3
Y
2
Y
1
D
U
M
M
Y
34
35
36
37
272
Y
2
3
6
Y
2
3
7
Y
2
3
8
Y
2
3
9
Y
2
4
0
D
U
M
M
Y
271 270 269 268
1
D
U
M
M
Y
234 56789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
V
0
L
V
0
L
V
1
2
L
V
4
3
L
V
5
L
V
S
S
V
D
D
S
/
C
E
I
O
2
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
X
C
K
D
I
S
P
O
F
F
L
P
E
I
O
1
F
R
L
/
R
M
D
N
C
V
S
S
N
C
V
5
R
V
4
3
R
V
1
2
R
V
0
R
V
0
R
D
U
M
M
Y


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
UPD16662 240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM 1  2  3  4  5  More NEC
T66H0001A 240 output LCD Segment/Common Driver IC 1  2  3  4  5  More Taiwan Memory Technology
NT7704 240 Output LCD Segment/Common Driver 1  2  3  4  5  More List of Unclassifed Manufacturers
NJU6623 15-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with OUTPUT PORT  1  2  3  4  5  More New Japan Radio
LX1744 Dual Output Boost - LED Driver / LCD Bias 1  2  3  4  5  More Microsemi Corporation
LH1530F 120 OUTPUT LCD COMMON DRIVER 1  2  3  4  5  More Sharp Electrionic Components
HM17CM256 128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM 1  2  3  4  5  More Hynix Semiconductor
T66H0002A 160 output LCD Segment/Common Driver IC 1  2  3  4  5  More Taiwan Memory Technology
HV66 32-Channel LCD Driver with Separate Backplane Output 1  2  3  4  5  More Supertex, Inc
LH1560F 160 OUTPUT LCD SEGMENT / COMMON DRIVER 1  2  3  4  5  More Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn