Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8800SDW33R2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8800SDW33R2
Description  Synchronous Buck Regulator with 1.0 Amp Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8800SDW33R2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8800SDW33R2 Datasheet HTML 3Page - ON Semiconductor NCV8800SDW33R2 Datasheet HTML 4Page - ON Semiconductor NCV8800SDW33R2 Datasheet HTML 5Page - ON Semiconductor NCV8800SDW33R2 Datasheet HTML 6Page - ON Semiconductor NCV8800SDW33R2 Datasheet HTML 7Page - ON Semiconductor NCV8800SDW33R2 Datasheet HTML 8Page - ON Semiconductor NCV8800SDW33R2 Datasheet HTML 9Page - ON Semiconductor NCV8800SDW33R2 Datasheet HTML 10Page - ON Semiconductor NCV8800SDW33R2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nonoverlap
Logic and Drive
R
SQ
Q
LATCH
0.4
0.4
SWITCH
OVLO
Current Limit
GND
UVLO
200 kHz
OSC
ART Ramp
+
Error Amp
POR
Timer
+
+
RESET
CP Control
VIN
Bandgap
Voltage
Reference
5.1 k
33
µH
2.6 V
VBAT
0.01
µF
CP
Over/Under
Voltage
RESET COMP
Power Up/Down
Sequence
and ENABLE
OVLO
UVLO
DELAY
COMP
ENABLE
AUXILIARY
FB1
FB2
PWM COMP
Current Limit
100
µF
VIN2
BIAS
Thermal Shutdown
0.1
mF
100
W
MRA4004T3
1 k
0.1
mF


Similar Part No. - NCV8800SDW33R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCV8800SDW33R2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
   4 MHz, 6A Integrated Switch Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com