Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8800SDW26R2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8800SDW26R2
Description  Synchronous Buck Regulator with 1.0 Amp Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8800SDW26R2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8800SDW26R2 Datasheet HTML 1Page - ON Semiconductor NCV8800SDW26R2 Datasheet HTML 2Page - ON Semiconductor NCV8800SDW26R2 Datasheet HTML 3Page - ON Semiconductor NCV8800SDW26R2 Datasheet HTML 4Page - ON Semiconductor NCV8800SDW26R2 Datasheet HTML 5Page - ON Semiconductor NCV8800SDW26R2 Datasheet HTML 6Page - ON Semiconductor NCV8800SDW26R2 Datasheet HTML 7Page - ON Semiconductor NCV8800SDW26R2 Datasheet HTML 8Page - ON Semiconductor NCV8800SDW26R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2003
September, 2003 − Rev. 10
1
Publication Order Number:
NCV8800/D
NCV8800 Series
Synchronous Buck Regulator
with 1.0 Amp Switch
The NCV8800 is an automotive synchronous step−down buck
regulator. This part provides an efficient step−down voltage compared
to linear regulators. The NCV8800 uses very few external components
allowing for maximum use of printed circuit board space.
Features
Output Voltage Options: 2.6 V, 3.3 V, 5.0 V, 7.5 V
±3.0% Output
3.5 V Operation
AUXILIARY Hold Up Pin (for Cranking Conditions)
On−Chip Switching Power Devices (0.4 Ω R
DS(ON))
Constant Frequency
Synchronous Operation
On−Chip Charge Pump Control Circuitry
Nonoverlap Logic
Power Up Sequencing Control Option (2.6 V and 3.3 V Only)
ENABLE Battery Voltage Capable Option
Selectable Reset Delay
Dual Pin Feedback Connection
V2™ Control Topology
Internally Fused Leads in SO−16L Package
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
Typical Applications
Telecommunications
Mobile Multimedia
Instrumentation
Automotive Entertainment Systems
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
700
800
LOAD CURRENT (mA)
Figure 1. Efficiency vs. Load Current
VOUT = 7.5 V
VOUT = 5.0 V
VOUT = 3.3 V
VOUT = 2.6 V
VIN = 13.5 V
L =100
mH
0
SO−16L
DW SUFFIX
CASE 751G
1
16
COMP
FB2
1
16
NC
FB1
VIN2
DELAY
GND
GND
GND
GND
SWITCH
RESET
CP
ENABLE
VIN
AUXILIARY
PIN CONNECTIONS AND
MARKING DIAGRAM
x
= Voltage Ratings as Indicated Below:
2 = 2.6 V
3 = 3.3 V
5 = 5.0 V
7 = 7.5 V
y
= ENABLE Option as Indicated Below:
S = Sequenced
H = High Voltage
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - NCV8800SDW26R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCV8800SDW26R2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
   4 MHz, 6A Integrated Switch Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com