Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8800SDW26 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8800SDW26
Description  Synchronous Buck Regulator with 1.0 Amp Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8800SDW26 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8800SDW26 Datasheet HTML 1Page - ON Semiconductor NCV8800SDW26 Datasheet HTML 2Page - ON Semiconductor NCV8800SDW26 Datasheet HTML 3Page - ON Semiconductor NCV8800SDW26 Datasheet HTML 4Page - ON Semiconductor NCV8800SDW26 Datasheet HTML 5Page - ON Semiconductor NCV8800SDW26 Datasheet HTML 6Page - ON Semiconductor NCV8800SDW26 Datasheet HTML 7Page - ON Semiconductor NCV8800SDW26 Datasheet HTML 8Page - ON Semiconductor NCV8800SDW26 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCV8800 Series
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (−40
°C ≤ TJ ≤ 125°C; Sequenced ENABLE Option: 3.5 V ≤ VIN ≤ 16 V,
3.5 V
≤ VIN2 ≤ 16 V, AUXILIARY = 6.0 V, ENABLE = 5.0 V; High Voltage ENABLE Option: 6.0 V ≤ VIN ≤ 16 V, 6.0 V ≤ VIN2 ≤ 16 V;
unless otherwise stated.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
RESET
RESET Leakage Current
RESET = 5.25 V
25
µA
RESET Output Low Voltage
IOUT = 1.6 mA
0.4
V
RESET Delay
DELAY Connected to FB1, FB2
DELAY = 0 V
28.70
14.35
32.60
16.30
36.66
18.33
ms
ms
ENABLE
ENABLE Threshold
Increasing
Decreasing
1.1
1.0
1.9
1.6
2.3
2.2
V
V
ENABLE Hysteresis
100
250
550
mV
ENABLE Input Resistance
ENABLE = 5.25 V, VIN2 = 13.5 V
50
100
200
k
W
DELAY
DELAY Input Current
DELAY = 5.15 V
4.0
10
16
µA
SWITCH
SWITCH ON Resistance
ISWITCH = 0.5 A, TJ = −40°C, 25°C
ISWITCH = 0.5 A, TJ = 125°C
0.40
0.55
0.60
0.75
Current Limit
1.0
1.6
2.5
A
Error Amplifier
Error Amplifier Transconductance
2.6 V Option
3.3 V Option
5.0 V Option
7.5 V Option
2.58 V
≤ FB1 ≤ 2.62 V
2.58 V
≤ FB2 ≤ 2.62 V
3.275 V
≤ FB1 ≤ 3.325 V
3.275 V
≤ FB2 ≤ 3.325 V
4.962 V
≤ FB1 ≤ 5.038 V
4.962 V
≤ FB2 ≤ 5.038 V
7.442 V
≤ FB1 ≤ 7.558 V
7.442 V
≤ FB2 ≤ 7.558 V
0.55
0.43
0.28
0.19
2.10
1.65
1.09
0.73
1/m
Error Amplifier Bandwidth
Note 4
1.0
MHz
Output Tracking (Sequencing)
Feedback to ENABLE Tracking Voltage, 2.6 V Option
60
67
75
%
Feedback to ENABLE Tracking Voltage, 3.3 V Option
80
85
90
%
4. Guaranteed By Design.


Similar Part No. - NCV8800SDW26

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCV8800SDW26

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
   4 MHz, 6A Integrated Switch Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com