Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BDX53B Datasheet(PDF) 5 Page - ON Semiconductor

Part No. BDX53B
Description  DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

BDX53B Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BDX53B BDX53C BDX54B BDX54C
5
Motorola Bipolar Power Transistor Device Data
+ 5.0
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
7.0
10
– 55 to 150
°C
+ 4.0
+ 3.0
+ 1.0
0
– 4.0
– 1.0
– 2.0
– 3.0
– 5.0
θVB for VBE
*
θVC for VCE(sat)
– 55
°C to 25°C
25
°C to 150°C
25
°C to 150°C
*IC/IB v hFE/3
0.5 0.7
+ 2.0
NPN
BDX53B, BDX53C
PNP
BDX54B, BDX54C
+ 5.0
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
7.0
10
– 55 to 150
°C
+ 4.0
+ 3.0
+ 1.0
0
– 4.0
– 1.0
– 2.0
– 3.0
– 5.0
θVB for VBE
*
θVC for VCE(sat)
– 55
°C to 25°C
25
°C to 150°C
25
°C to 150°C
*IC/IB v hFE/3
0.5 0.7
+ 2.0
Figure 12. Collector Cut–Off Region
105
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10– 1
+ 0.2 + 0.4
0
– 0.2
– 0.4
– 0.6
VCE = 30 V
REVERSE
FORWARD
103
104
+ 0.6 + 0.8
+ 1.0 + 1.2 + 1.4
TJ = 150°C
100
°C
25
°C
105
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10– 1
– 0.2 – 0.4
0
+ 0.2
+ 0.4
+ 0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
103
104
– 0.6 – 0.8 – 1.0 – 1.2 – 1.4
Figure 13. Darlington Schematic
NPN
BDX53B
BDX53C
PNP
BDX54B
BDX54C
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 120
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 120


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn