Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXSH30N60U1 Datasheet(PDF) 5 Page - IXYS Corporation

Part No. IXSH30N60U1
Description  Low VCE(sat) IGBT with Diode High Speed IGBT with Diode Combi Packs Short Circuit SOA Capability
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IXYS [IXYS Corporation]
Homepage  http://www.ixys.com
Logo 

IXSH30N60U1 Datasheet(HTML) 5 Page - IXYS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 - 6
© 2000 IXYS All rights reserved
di
F /dt - A/µs
0
200
400
600
0.0
0.2
0.4
0.6
0.8
di
F /dt - A/µs
200
400
600
0
10
20
30
40
di
F /dt - A/µs
1
10
100
1000
0
1
2
3
4
T
J - Degrees C
0
40
80
120
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Q
r
I
RM
di
F /dt - A/µs
0
100
200
300
400
500
600
0
200
400
600
800
1000
0
5
10
15
20
25
t
fr
V
FR
Voltage Drop - Volts
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
T
J = 150°C
T
J = 100°C
T
J = 25°C
T
J = 125°C
I
F = 37A
typ.
I
F = 60A
I
F = 30A
I
F = 15A
I
F = 30A
T
J = 100°C
V
R = 350V
T
J = 100°C
V
R = 350V
T
J = 100°C
V
R = 350V
typ.
I
F = 60A
I
F = 30A
I
F = 15A
max.
I
F = 30A
max.
I
F = 30A
typ.
I
F = 60A
I
F = 30A
I
F = 15A
max.
Fig.14 Junction Temperature Dependence
Fig.15 Reverse Recovery Chargee
off I
RM and Qr
Fig.16 Peak Reverse Recovery Current
Fig.17 Reverse Recovery Time
Fig.12 Maximum Forward Voltage Drop
Fig.13 Peak Forward Voltage V
FR and
Forward Recovery Time t
fr
IXSH 30N60U1
IXSH 30N60AU1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn