Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXSH30N60U1 Datasheet(PDF) 4 Page - IXYS Corporation

Part No. IXSH30N60U1
Description  Low VCE(sat) IGBT with Diode High Speed IGBT with Diode Combi Packs Short Circuit SOA Capability
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IXYS [IXYS Corporation]
Homepage  http://www.ixys.com
Logo 

IXSH30N60U1 Datasheet(HTML) 4 Page - IXYS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 - 6
© 2000 IXYS All rights reserved
Pulse Width - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
Single pulse
D=0.5
V
CE - Volts
0
100
200
300
400
500
600
0.01
0.1
1
10
100
Q
g - nanocoulombs
0
25
50
75
100
125
150
0
3
6
9
12
15
R
G - Ohms
0
1020304050
0.0
2.5
5.0
7.5
10.0
0
250
500
750
1000
I
C - Amperes
0
10203040
5060
0.0
2.5
5.0
7.5
10.0
0
250
500
750
1000
E
off (-A)
hi-speed
t
fi (-A)
hi-speed
D = Duty Cycle
T
J = 125°C
R
G = 10W
t
fi (-A), hi-speed
E
off (-A), hi-speed
T
J = 125°C
I
C = 30A
I
C = 30A
V
CE = 300V
T
J = 125°C
R
G = 4.7W
dV/dt < 6V/ns
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
Fig.11 Transient Thermal Impedance
Fig.9 Gate Charge Characteristic Curve
Fig.10 Turn-Off Safe Operating Area
Fig.7 Turn-Off Energy per Pulse and
Fig.8 Dependence of Turn-Off Energy
Fall Time on Collector Current
Per Pulse and Fall Time on R
G
IXSH 30N60U1
IXSH 30N60AU1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn