Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXSH30N60U1 Datasheet(PDF) 3 Page - IXYS Corporation

Part No. IXSH30N60U1
Description  Low VCE(sat) IGBT with Diode High Speed IGBT with Diode Combi Packs Short Circuit SOA Capability
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IXYS [IXYS Corporation]
Homepage  http://www.ixys.com
Logo 

IXSH30N60U1 Datasheet(HTML) 3 Page - IXYS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 - 6
© 2000 IXYS All rights reserved
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
V
GE - Volts
5
6
7
8
9
10 11 12 13
14 15
0
10
20
30
40
50
60
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
GE - Volts
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
V
CE - Volts
0246
8
10
12 14 16 18 20
0
20
40
60
80
100
9V
11V
13V
V
CE - Volts
0
1
234
5
0
10
20
30
40
50
60
11V
9V
13V
T
J = 25°C
V
GE = 15V
T
J = 25°C
I
C = 15A
I
C = 30A
I
C = 60A
T
J = 25°C
I
C = 15A
I
C = 30A
I
C = 60A
V
GE = 15V
T
J = - 40°C
T
J = 125°C
T
J = 25°C
V
CE = 10V
V
GE(th)
I
C = 2.5mA
BV
CES
I
C = 3mA
V
GE = 15V
7V
Fig.3 Collector-Emitter Voltage
Fig.4 Temperature Dependence
vs. Gate-Emitter Voltage
of Output Saturation Voltage
Fig.5 Input Admittance
Fig.6 Temperature Dependence of
Breakdown and Threshold Voltage
Fig.1 Saturation Characteristics
Fig.2 Output Characterstics
IXSH 30N60U1
IXSH 30N60AU1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn