Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXSH30N60U1 Datasheet(PDF) 1 Page - IXYS Corporation

Part No. IXSH30N60U1
Description  Low VCE(sat) IGBT with Diode High Speed IGBT with Diode Combi Packs Short Circuit SOA Capability
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IXYS [IXYS Corporation]
Homepage  http://www.ixys.com
Logo 

IXSH30N60U1 Datasheet(HTML) 1 Page - IXYS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 - 6
© 2000 IXYS All rights reserved
TO-247 AD
V
CES
I
C25
V
CE(sat)
Low V
CE(sat) IGBT with Diode
IXSH 30 N60U1
600 V
50 A
2.5 V
High Speed IGBT with Diode
IXSH 30 N60AU1
600 V
50 A
3.0 V
Combi Packs
Short Circuit SOA Capability
G
C
E
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MW
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C50
A
I
C90
T
C
= 90
°C30
A
I
CM
T
C
= 25
°C, 1 ms
100
A
SSOA
V
GE= 15 V, TJ = 125°C, RG = 33 W
I
CM = 60
A
(RBSOA)
Clamped inductive load, L = 100
mH
@ 0.8 V
CES
t
SC
V
GE= 15 V, VCE = 360 V, TJ = 125°C
10
ms
(SCSOA)
R
G = 33 W, non repetitive
P
C
T
C
= 25
°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 750
mA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 2.5 mA, V
CE = VGE
58
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
500
mA
V
GE = 0 V
T
J = 125°C8
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100 nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
30N60U1
2.5
V
30N60AU1
3.0
V
Features
• International standard package
JEDEC TO-247 AD
• High frequency IGBT with guaranteed
Short Circuit SOA capability
• IGBT and anti-parallel FRED in one
package
• 2nd generation HDMOSTM process
• Low V
CE(sat)
- for low on-state conduction losses
• MOS Gate turn-on
- drive simplicity
Applications
• AC motor speed control
• DC servo and robot drives
• DC choppers
• Uninterruptible power supplies (UPS)
• Switch-mode and resonant-mode
power supplies
Advantages
• Space savings (two devices in one
package)
• Easy to mount with 1 screw
(isolated mounting screw hole)
• Reduces assembly time and cost
• High power density
92714F (12/96)
IXYS reserves the right to change limits, test conditions, and dimensions.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn