Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

821-01663 Datasheet(PDF) 3 Page - E&E Magnetic Products Limited

Part No. 821-01663
Description  TRANSFORMER, Upo INTERFACE, SMT,6 PIN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

821-01663 Datasheet(HTML) 3 Page - E&E Magnetic Products Limited

  821-01663 Datasheet HTML 1Page - E&E Magnetic Products Limited 821-01663 Datasheet HTML 2Page - E&E Magnetic Products Limited 821-01663 Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
6. Operating temperature:0 to +70°C.
ELECTRICAL SPECIFICATION @25 C:
°
Turns Ratio(1-6):(2-5):(3-4)
Polarity
DCR(2-5) or DCR(3-4), for reference only
DCR(1-6), for reference only
PARAMETERS
UNIT
LIMITS
2.5:1:1± 2%
Per Schematic
2.5 Max
6.0 Max
20 Max
90 Max
uH
pF
mH
1.7 Min
-
-
Inductance, Ls(2-4), short 5-3@10kHz, 0.1Vrms, 75mADC
LL(2-4), short 5-3, 6-1@100kHz, 0.1Vrms, for refernce only
Cww(1-6):(2-3-4-5)@100kHz, 0.1Vrms, for refernce only
SCHEMATIC
4
3
5
2
1
6
500 Min
650 Min
Vrms
Vrms
Hipot(2-5):(3-4),2 seconds
Hipot(1-6):(2-3-4-5),6 seconds
E&E Magnetic Products Ltd.
DRAWING NO./MODEL
SCALE
PAGE
OF
821-01663
DO NOT SCALE
4
01
REV


Similar Part No. - 821-01663

ManufacturerPart No.DatasheetDescription
E&E Magnetic Products Limited
E&E Magnetic Products L...
821-01672F EEMAGNETIC-821-01672F Datasheet
127Kb / 2P
   Compact surface mount package
821-01675 EEMAGNETIC-821-01675 Datasheet
120Kb / 3P
   Single through hole models
More results

Similar Description - 821-01663

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
   ISDN MAGNETICS UPO Interface Transformer
2771J BEL-2771J Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
2805A BEL-2805A Datasheet
25Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
E&E Magnetic Products Limited
E&E Magnetic Products L...
821-01814 EEMAGNETIC-821-01814 Datasheet
115Kb / 3P
   TRANSFORMER, ISDN U-INTERFACE,SMT, 10 PIN
Bel Fuse Inc.
Bel Fuse Inc.
2718BD2 BEL-2718BD2 Datasheet
27Kb / 2P
   ISDN MAGNETICS UPO Interface Transformers
E&E Magnetic Products Limited
E&E Magnetic Products L...
825-00075 EEMAGNETIC-825-00075 Datasheet
34Kb / 3P
   TRANSFORMER, PICK-OFF, SMT,6 PIN, EXT. TEMP
PCA ELECTRONICS INC.
PCA ELECTRONICS INC.
EPA3490G PCA-EPA3490G Datasheet
19Kb / 1P
   Interface Low Profile SMT Dual Transformer
E&E Magnetic Products Limited
E&E Magnetic Products L...
833-00016 EEMAGNETIC-833-00016 Datasheet
58Kb / 3P
   CURRENT SENSE TRANSFORMER,SMT, 12 PIN
825-00077 EEMAGNETIC-825-00077 Datasheet
44Kb / 3P
   TRANSFORMER, MODEM, SMD,6 PIN
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz