Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

821-01663 Datasheet(PDF) 2 Page - E&E Magnetic Products Limited

Part No. 821-01663
Description  TRANSFORMER, Upo INTERFACE, SMT,6 PIN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

821-01663 Datasheet(HTML) 2 Page - E&E Magnetic Products Limited

  821-01663 Datasheet HTML 1Page - E&E Magnetic Products Limited 821-01663 Datasheet HTML 2Page - E&E Magnetic Products Limited 821-01663 Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MECHANICAL OUTLINE
1. Dimensions are specified in
with higher precedence in mm.
2. Unless otherwise specified, all tolerances are
3. Coplanarity:
max.
4. "(DATE)" includes at least the manufacturing date code(in YYWW format) plus two
character country code.
5. Dimensions are to be measured in accordance with JEDEC standard 95-1.
±.
inches
mm
.010
0.25
.004
0.10
Reference or
Gauge Plane
.500±.010
12.70±0.25
.350
8.89
.010±.005
0.25±0.13
.028±.005
0.71±0.13
MAX
.378
9.60
MAX
.100±.010
2.54±0.25
.040±.010
1.02±0.25
.200±.010
5.08±0.25
6
5
4
1
2
3
0-8°
RECOMMENDED
PAD LAYOUT
.200
5.08
.100
2.54
.050
1.27
.090
2.29
.540
13.72
EE
1-1663
(DATE)
E&E Magnetic Products Ltd.
DRAWING NO./MODEL
SCALE
PAGE
OF
821-01663
DO NOT SCALE
4
01
REV


Similar Part No. - 821-01663

ManufacturerPart No.DatasheetDescription
E&E Magnetic Products Limited
E&E Magnetic Products L...
821-01672F EEMAGNETIC-821-01672F Datasheet
127Kb / 2P
   Compact surface mount package
821-01675 EEMAGNETIC-821-01675 Datasheet
120Kb / 3P
   Single through hole models
More results

Similar Description - 821-01663

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
   ISDN MAGNETICS UPO Interface Transformer
2771J BEL-2771J Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
2805A BEL-2805A Datasheet
25Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
E&E Magnetic Products Limited
E&E Magnetic Products L...
821-01814 EEMAGNETIC-821-01814 Datasheet
115Kb / 3P
   TRANSFORMER, ISDN U-INTERFACE,SMT, 10 PIN
Bel Fuse Inc.
Bel Fuse Inc.
2718BD2 BEL-2718BD2 Datasheet
27Kb / 2P
   ISDN MAGNETICS UPO Interface Transformers
E&E Magnetic Products Limited
E&E Magnetic Products L...
825-00075 EEMAGNETIC-825-00075 Datasheet
34Kb / 3P
   TRANSFORMER, PICK-OFF, SMT,6 PIN, EXT. TEMP
PCA ELECTRONICS INC.
PCA ELECTRONICS INC.
EPA3490G PCA-EPA3490G Datasheet
19Kb / 1P
   Interface Low Profile SMT Dual Transformer
E&E Magnetic Products Limited
E&E Magnetic Products L...
833-00016 EEMAGNETIC-833-00016 Datasheet
58Kb / 3P
   CURRENT SENSE TRANSFORMER,SMT, 12 PIN
825-00077 EEMAGNETIC-825-00077 Datasheet
44Kb / 3P
   TRANSFORMER, MODEM, SMD,6 PIN
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz