Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COPCH642C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH642C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH642C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COPCH642C Datasheet HTML 1Page - National Semiconductor (TI) COPCH642C Datasheet HTML 2Page - National Semiconductor (TI) COPCH642C Datasheet HTML 3Page - National Semiconductor (TI) COPCH642C Datasheet HTML 4Page - National Semiconductor (TI) COPCH642C Datasheet HTML 5Page - National Semiconductor (TI) COPCH642C Datasheet HTML 6Page - National Semiconductor (TI) COPCH642C Datasheet HTML 7Page - National Semiconductor (TI) COPCH642C Datasheet HTML 8Page - National Semiconductor (TI) COPCH642C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DC Electrical Characteristics (Continued)
COP92XC, COP94XC; 0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
RAM Retention Voltage, Vr
500 ns Rise and Fall Time (Min)
2.0
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Note 2: Rate of voltage change must be less than 0.5V/ms.
Note 3: Supply current is measured after running 2000 cycles with a square wave CKI input, CKO open, inputs at rails and outputs open.
Note 4: The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations. Test conditions: All inputs tied to VCC, L and G0 — G5 configured as
outputs and set high. The D port set to zero.
Note 5: Except pin G7: +100 mA, −25 mA (COP920C only). Sampled and not 100% tested. Pins G6 and RESET are designed with a high voltage input network for
factory testing. These pins allow input voltages greater than VCC and the pins will have sink current to VCC when biased at voltages greater than VCC (the pins do
not have source current when biased at a voltage below VCC). The effective resistance to VCC is 750Ω (typical). These two pins will not latch up. The voltage at the
pins must be limited to less than 14V.
AC Electrical Characteristics
0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Ext., Crystal/Resonator
V
CC ≥ 4.0V
1
DC
µs
(Div-by 10)
2.3V
≤ V
CC ≤ 4.0V
2.5
DC
µs
R/C Oscillator Mode
V
CC ≥ 4.0V
3
DC
µs
(Div-by 10)
2.3V
≤ V
CC ≤ 4.0V
7.5
DC
µs
CKI Clock Duty Cycle (Note 6)
fr = Max
40
60
%
Rise Time (Note 6)
fr = 10 MHz Ext Clock
12
ns
Fall Time (Note 6)
fr = 10 MHz Ext Clock
8
ns
Inputs
t
SETUP
V
CC ≥ 4.0V
200
ns
2.3V
≤ V
CC ≤ 4.0V
500
ns
t
HOLD
V
CC ≥ 4.0V
60
ns
2.3V
≤ V
CC ≤ 4.0V
150
ns
Output Propagation Delay
C
L = 100 pF, RL = 2.2 kΩ
t
PD1,tPD0
SO, SK
V
CC ≥ 4.0V
0.7
µs
2.5V
≤ V
CC ≤ 4.0V
1.75
µs
All Others
V
CC ≥ 4.0V
1
µs
2.5V
≤ V
CC ≤ 4.0V
2.5
µs
MICROWIRESetup Time (t
UWS)20
ns
MICROWIRE Hold Time (t
UWH)56
ns
MICROWIRE Output Propagation
Delay (t
UPD)
220
ns
Input Pulse Width
Interrupt Input High Time
t
C
Interrupt Input Low Time
t
C
Timer Input High Time
t
C
Timer Input Low Time
t
C
Reset Pulse Width
1.0
µs
Note 6: Parameter sampled (not 100% tested).
www.national.com
4


Similar Part No. - COPCH642C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH680C NSC-COPCH680C Datasheet
500Kb / 31P
   COP880C Microcontroller
COPCH681C NSC-COPCH681C Datasheet
500Kb / 31P
   COP880C Microcontroller
COPCH682C NSC-COPCH682C Datasheet
500Kb / 31P
   COP880C Microcontroller
More results

Similar Description - COPCH642C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
COP424C NSC-COP424C Datasheet
339Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP224C NSC-COP224C Datasheet
325Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Microchip Technology
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com