Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C138-25 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C138-25
Description  4K x 8/9 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C138-25 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C138-25 Datasheet HTML 1Page - Cypress Semiconductor CY7C138-25 Datasheet HTML 2Page - Cypress Semiconductor CY7C138-25 Datasheet HTML 3Page - Cypress Semiconductor CY7C138-25 Datasheet HTML 4Page - Cypress Semiconductor CY7C138-25 Datasheet HTML 5Page - Cypress Semiconductor CY7C138-25 Datasheet HTML 6Page - Cypress Semiconductor CY7C138-25 Datasheet HTML 7Page - Cypress Semiconductor CY7C138-25 Datasheet HTML 8Page - Cypress Semiconductor CY7C138-25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY7C138
CY7C139
5
Switching Characteristics Over the Operating Range[8]
Parameter
Description
7C138-15
7C139-15
7C138-25
7C139-25
7C138-35
7C139-35
7C138-55
7C139-55
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
25
35
55
ns
tAA
Address to Data Valid
15
25
35
55
ns
tOHA
Output Hold From Address Change
3
3
3
3
ns
tACE
CE LOW to Data Valid
15
25
35
55
ns
tDOE
OE LOW to Data Valid
10
15
20
25
ns
tLZOE
[9,10,11]
OE Low to Low Z
3
3
3
3
ns
tHZOE
[9,10,11]
OE HIGH to High Z
10
15
20
25
ns
tLZCE
[9,10,11]
CE LOW to Low Z
3
3
3
3
ns
tHZCE
[9,10,11]
CE HIGH to High Z
10
15
20
25
ns
tPU
[11]
CE LOW to Power-Up
0
0
0
0
ns
tPD
[11]
CE HIGH to Power-Down
15
25
35
55
ns
WRITE CYCLE
tWC
Write Cycle Time
15
25
35
55
ns
tSCE
CE LOW to Write End
12
20
30
40
ns
tAW
Address Set-Up to Write End
12
20
30
40
ns
tHA
Address Hold From Write End
2
2
2
2
ns
tSA
Address Set-Up to Write Start
0
0
0
0
ns
tPWE
Write Pulse Width
12
20
25
30
ns
tSD
Data Set-Up to Write End
10
15
15
20
ns
tHD
Data Hold From Write End
0
0
0
0
ns
tHZWE
[10,11]
R/W LOW to High Z
10
15
20
25
ns
tLZWE
[10,11]
R/W HIGH to Low Z
3
3
3
3
ns
tWDD
[12]
Write Pulse to Data Delay
30
50
60
70
ns
tDDD
[12]
Write Data Valid to Read Data Valid
25
30
35
40
ns
BUSY TIMING[13]
tBLA
BUSY LOW from Address Match
15
20
20
45
ns
tBHA
BUSY HIGH from Address Mismatch
15
20
20
40
ns
tBLC
BUSY LOW from CE LOW
15
20
20
40
ns
tBHC
BUSY HIGH from CE HIGH
15
20
20
35
ns
tPS
Port Set-Up for Priority
5
5
5
5
ns
tWB
R/W LOW after BUSY LOW
0
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH
13
20
30
40
ns
tBDD
[14]
BUSY HIGH to Data Valid
Note
13
Note
13
Note
13
Note
13
ns
INTERRUPT TIMING[13]
tINS
INT Set Time
15
25
25
30
ns
tINR
INT Reset Time
15
25
25
30
ns


Similar Part No. - CY7C138-25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138-25JC CYPRESS-CY7C138-25JC Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-25JC CYPRESS-CY7C138-25JC Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-25JI CYPRESS-CY7C138-25JI Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-25JI CYPRESS-CY7C138-25JI Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-25JXC CYPRESS-CY7C138-25JXC Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C138-25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com