Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8020L Datasheet(PDF) 4 Page - Littelfuse

Part # D8020L
Description  Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D8020L Datasheet(HTML) 4 Page - Littelfuse

  D8020L Datasheet HTML 1Page - Littelfuse D8020L Datasheet HTML 2Page - Littelfuse D8020L Datasheet HTML 3Page - Littelfuse D8020L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Notes


Similar Part No. - D8020L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D8020L LITTELFUSE-D8020L Datasheet
598Kb / 5P
   Silicon rectifiers that are excellent for DC phase control applications with motor loads.
D8020L LITTELFUSE-D8020L Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D8020L59 LITTELFUSE-D8020L59 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
D8020LTP LITTELFUSE-D8020LTP Datasheet
598Kb / 5P
   Silicon rectifiers that are excellent for DC phase control applications with motor loads.
More results

Similar Description - D8020L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L56 LITTELFUSE-D4015L56 Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
Revision: 19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
01-Jan-2022
logo
New Jersey Semi-Conduct...
2N1909 NJSEMI-2N1909 Datasheet
131Kb / 1P
   High Power Silicon Controlled Rectifier 110 A RMS 25 to 1200 Volts
logo
Central Semiconductor C...
2N876 CENTRAL-2N876 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
logo
ON Semiconductor
2N5064G ONSEMI-2N5064G Datasheet
124Kb / 8P
   SILICON CONTROLLED RECTIFIERS 0.8 A RMS, 30 ??200 V
September, 2011 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com