Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP982C-XXX/WM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP982C-XXX/WM
Description  COP880C Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP982C-XXX/WM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP982C-XXX/WM Datasheet HTML 2Page - National Semiconductor (TI) COP982C-XXX/WM Datasheet HTML 3Page - National Semiconductor (TI) COP982C-XXX/WM Datasheet HTML 4Page - National Semiconductor (TI) COP982C-XXX/WM Datasheet HTML 5Page - National Semiconductor (TI) COP982C-XXX/WM Datasheet HTML 6Page - National Semiconductor (TI) COP982C-XXX/WM Datasheet HTML 7Page - National Semiconductor (TI) COP982C-XXX/WM Datasheet HTML 8Page - National Semiconductor (TI) COP982C-XXX/WM Datasheet HTML 9Page - National Semiconductor (TI) COP982C-XXX/WM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
COP880C/COP881C/COP882C
Absolute Maximum Ratings (Note 8)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at any Pin
−0.3V to V
CC + 0.3V
Total Current into V
CC Pin (Source)
50 mA
Total Current out of GND Pin (Sink)
60 mA
Storage Temperature Range
−65˚C to +140˚C
Note 8: Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
COP88xC; −40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage
2.5
6.0
V
Power Supply Ripple (Note 9)
Peak to Peak
0.1 V
CC
V
Supply Current
CKI = 10 MHz
V
CC = 6V, tc = 1 µs
6.0
mA
CKI = 4 MHz
V
CC = 6V, tc = 2.5 µs
4.4
mA
CKI = 4 MHz
V
CC = 4.0V, tc = 2.5 µs
2.2
mA
CKI = 1 MHz
V
CC = 4.0V, tc = 10 µs
1.4
mA
(Note 10)
HALT Current
V
CC = 6V, CKI = 0 MHz
<110
µA
(Note 11)
V
CC = 3.5V, CKI = 0 MHz
<0.5
6
µA
Input Levels
RESET, CKI
Logic High
0.9 V
CC
V
Logic Low
0.1 V
CC
V
All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 6.0V
−2
+2
µA
Input Pullup Current
V
CC = 6.0V, VIN = 0V
−40
−250
µA
G Port Input Hysteresis
0.35 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.8V
−0.4
mA
V
CC = 2.5V, VOH = 1.8V
−0.2
mA
Sink
V
CC = 4.5V, VOL = 1.0V
10
mA
V
CC = 2.5V, VOL = 0.4V
2
mA
All Others
Source (Weak Pull-Up)
V
CC = 4.5V, VOH = 3.2V
−10
−110
µA
V
CC = 2.5V, VOH = 1.8V
−2.5
−33
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−0.4
mA
V
CC = 2.5V, VOH = 1.8V
−0.2
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
V
CC = 2.5V, VOL = 0.4V
0.7
TRI-STATE Leakage
V
CC = 6.0V
−2.0
+2.0
µA
Allowable Sink/Source
Current Per Pin
D Outputs (Sink)
15
mA
All Others
3mA
Maximum Input Current (Note 12)
Without Latchup (Room Temp)
Room Temp
±100
mA
www.national.com
6


Similar Part No. - COP982C-XXX/WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP982C-XXX/WM NSC-COP982C-XXX/WM Datasheet
400Kb / 30P
   Microcontrollers
More results

Similar Description - COP982C-XXX/WM

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com