Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH-0.72-100 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # BH-0.72-100
Description  BH series power distribution current transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

BH-0.72-100 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  BH-0.72-100 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Characteristic:
BH-0.72 current transformer are mainly indoor use, rated
voltage ≤0.72KV, 50Hz AC current, to measure current or
energy or relay protection.Products are plastic molded CT,
are widely used in the complete sets of cabinets,Installation
can be busbar fixed or bottom plate fixed,Any direction
installtion will be OK.
Technical index:
Mounting type:Busbar/Bottom plate fixed
Core material:Silicon steel
Flame resistance:UL94-V0
work voltage:720V
Working temperature:-25℃~+50℃
Storage temperature:-35℃~+70℃
Work frequency:50Hz~60Hz
Dielectric strength:6KV 50Hz 1min
Electrical Index:
Connect diagram:
Dimension(in mm):
www.yhdc.com
Email:yhdc@yhdc.com
0.1
1
800/0.1
1000/0.1
1200/0.1
1500/0.1
2000/0.1
800/1
1000/1
1200/1
1500/1
2000/1
800/5
1000/5
1200/5
1500/5
2000/5
2500/5
0.2S
5
5
5
7.5
10
10
BH series power distribution current transformer
Model:BH-0.72-100
1
10
10
10
15
20
10
10
10
15
20
10
10
10
15
20
25
0.5S
5
5
5
7.5
10
10
5
0.5
10
10
10
10
15
10
10
10
10
15
10
10
10
10
15
20
0.2
5
5
7.5
10
15
5
5
7.5
10
15
5
5
7.5
10
15
15
152±0.5
102±0.5
124±0.5
S1
IP
S2
RL
IS
Input/Output
(A)
Output
(A)
Accuracy/Load(VA)
Front View
Top view


Similar Part No. - BH-0.72-100

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
BH-0.72-120 YHDC-BH-0.72-120 Datasheet
1Mb / 1P
   BH series power distribution current transformer
More results

Similar Description - BH-0.72-100

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
BH-0.72-20 YHDC-BH-0.72-20 Datasheet
4Mb / 1P
   BH series power distribution current transformer
BH-0.72-50 YHDC-BH-0.72-50 Datasheet
690Kb / 1P
   BH series power distribution current transformer
BH-0.72-60 YHDC-BH-0.72-60 Datasheet
702Kb / 1P
   BH series power distribution current transformer
BH-0.72-30 YHDC-BH-0.72-30 Datasheet
4Mb / 1P
   BH series power distribution current transformer
BH-0.72-40 YHDC-BH-0.72-40 Datasheet
677Kb / 1P
   BH series power distribution current transformer
BH-0.72-60X30 YHDC-BH-0.72-60X30 Datasheet
672Kb / 1P
   BH series power distribution current transformer
BH-0.72-120 YHDC-BH-0.72-120 Datasheet
1Mb / 1P
   BH series power distribution current transformer
BCT6130 YHDC-BCT6130 Datasheet
598Kb / 1P
   BCT series power distribution current transformer
BCT5021 YHDC-BCT5021 Datasheet
980Kb / 1P
   BCT series power distribution current transformer
BCT8041 YHDC-BCT8041 Datasheet
602Kb / 1P
   BCT series power distribution current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com