Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ74 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NL17SZ74
Description  Single D Flip Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ74 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NL17SZ74 Datasheet HTML 4Page - ON Semiconductor NL17SZ74 Datasheet HTML 5Page - ON Semiconductor NL17SZ74 Datasheet HTML 6Page - ON Semiconductor NL17SZ74 Datasheet HTML 7Page - ON Semiconductor NL17SZ74 Datasheet HTML 8Page - ON Semiconductor NL17SZ74 Datasheet HTML 9Page - ON Semiconductor NL17SZ74 Datasheet HTML 10Page - ON Semiconductor NL17SZ74 Datasheet HTML 11Page - ON Semiconductor NL17SZ74 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NL17SZ74
http://onsemi.com
8
TAPE TRAILER
(Connected to Reel Hub)
NO COMPONENTS
160 mm MIN
TAPE LEADER
NO COMPONENTS
400 mm MIN
COMPONENTS
DIRECTION OF FEED
CAVITY
TAPE
TOP TAPE
Figure 4. Tape Ends for Finished Goods
Figure 5. US8 Reel Configuration/Orientation
1
8.00
+ 0.30
– 0.10
4.00
2.00
1.75
3.50
$ 0.25
1.00
± 0.25 TYP
4.00
DIRECTION OF FEED
TAPE DIMENSIONS mm
1.50 TYP


Similar Part No. - NL17SZ74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ74 ONSEMI-NL17SZ74 Datasheet
89Kb / 6P
   Single D Flip Flop
April, 2006 ??Rev. 4
NL17SZ74 ONSEMI-NL17SZ74 Datasheet
127Kb / 6P
   Single D Flip Flop
May, 2013 ??Rev. 10
NL17SZ74 ONSEMI-NL17SZ74 Datasheet
85Kb / 6P
   Single D Flip Flop
June, 2015 ??Rev. 11
NL17SZ74US ONSEMI-NL17SZ74US Datasheet
89Kb / 6P
   Single D Flip Flop
April, 2006 ??Rev. 4
NL17SZ74USG ONSEMI-NL17SZ74USG Datasheet
89Kb / 6P
   Single D Flip Flop
April, 2006 ??Rev. 4
More results

Similar Description - NL17SZ74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ74 ONSEMI-NL17SZ74_15 Datasheet
85Kb / 6P
   Single D Flip Flop
June, 2015 ??Rev. 11
NLV17SZ74USG ONSEMI-NLV17SZ74USG Datasheet
127Kb / 6P
   Single D Flip Flop
May, 2013 ??Rev. 10
NLX1G74 ONSEMI-NLX1G74 Datasheet
148Kb / 6P
   Single D Flip-Flop
April, 2009 ??Rev. 0
NLX1G74 ONSEMI-NLX1G74_13 Datasheet
123Kb / 6P
   Single D Flip-Flop
September, 2013 ??Rev. 1
NL17SZ74 ONSEMI-NL17SZ74_06 Datasheet
89Kb / 6P
   Single D Flip Flop
April, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
SY55852U MICREL-SY55852U_07 Datasheet
56Kb / 7P
   D FLIP-FLOP
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
   TRIPLE D FLIP-FLOP
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com