Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1934ES6 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1934ES6
Description  Micropower Step-Down Switching Regulators in ThinSOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1934ES6 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1934ES6 Datasheet HTML 5Page - Linear Technology LT1934ES6 Datasheet HTML 6Page - Linear Technology LT1934ES6 Datasheet HTML 7Page - Linear Technology LT1934ES6 Datasheet HTML 8Page - Linear Technology LT1934ES6 Datasheet HTML 9Page - Linear Technology LT1934ES6 Datasheet HTML 10Page - Linear Technology LT1934ES6 Datasheet HTML 11Page - Linear Technology LT1934ES6 Datasheet HTML 12Page - Linear Technology LT1934ES6 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1934/LT1934-1
1934f
capacitor is subject to large surge currents if the LT1934
circuit is connected to a low impedance supply, and that
some electrolytic capacitors (in particular tantalum) must
be specified for such use.
Output Capacitor and Output Ripple
The output capacitor filters the inductor’s ripple current
and stores energy to satisfy the load current when the
LT1934 is quiescent. In order to keep output voltage ripple
low, the impedance of the capacitor must be low at the
LT1934’s switching frequency. The capacitor’s equivalent
series resistance (ESR) determines this impedance. Choose
one with low ESR intended for use in switching regulators.
The contribution to ripple voltage due to the ESR is
approximately ILIM•ESR.ESRshouldbelessthan~150mΩ
for the LT1934 and less than ~500m
Ω for the LT1934-1.
The value of the output capacitor must be large enough to
accept the energy stored in the inductor without a large
change in output voltage. Setting this voltage step equal to
1% of the output voltage, the output capacitor must be:
COUT > 50 • L • (ILIM/VOUT)2
For example, an LT1934 producing 3.3V with L = 47
µH
requires 33
µF.Thisvaluecanberelaxedifsmallcircuitsize
is more important than low output ripple.
Sanyo’s POSCAP series in B-case and C-case sizes pro-
vides very good performance in a small package for the
LT1934. Similar performance in traditional tantalum ca-
pacitors requires a larger package (C- or D-case). The
APPLICATIO S I FOR ATIO
LT1934-1, with its lower switch current, can use a B-case
tantalum capacitor.
With a high quality capacitor filtering the ripple current
from the inductor, the output voltage ripple is determined
by the hysteresis and delay in the LT1934’s feedback
comparator. This ripple can be reduced further by adding
a small (typically 10pF) phase lead capacitor between the
output and the feedback pin.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT1934.
Not all ceramic capacitors are suitable. X5R and X7R types
are stable over temperature and applied voltage and give
dependable service. Other types (Y5V and Z5U) have very
large temperature and voltage coefficients of capacitance.
In the application circuit they may have only a small
fraction of their nominal capacitance and voltage ripple
may be much larger than expected.
Ceramic capacitors are piezoelectric. The LT1934’s switch-
ing frequency depends on the load current, and at light
loads the LT1934 can excite the ceramic capacitor at audio
frequencies, generating audible noise. If this is unaccept-
able, use a high performance electrolytic capacitor at the
output. The input capacitor can be a parallel combination
of a 2.2
µF ceramic capacitor and a low cost electrolytic
capacitor. The level of noise produced by the LT1934-1
Table 3. Capacitor Vendors
Vendor
Phone
URL
Part Series
Comments
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
EEF Series
Tantalum
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494, T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
POSCAP
Tantalum
Murata
(404) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic


Similar Part No. - LT1934ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934 LINER-LT1934 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1934-1 LINER-LT1934-1 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LT1934 LINER-LT1934_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
More results

Similar Description - LT1934ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934 LINER-LT1934_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com