Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37256P Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY37256P
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37256P Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY37256P Datasheet HTML 8Page - Cypress Semiconductor CY37256P Datasheet HTML 9Page - Cypress Semiconductor CY37256P Datasheet HTML 10Page - Cypress Semiconductor CY37256P Datasheet HTML 11Page - Cypress Semiconductor CY37256P Datasheet HTML 12Page - Cypress Semiconductor CY37256P Datasheet HTML 13Page - Cypress Semiconductor CY37256P Datasheet HTML 14Page - Cypress Semiconductor CY37256P Datasheet HTML 15Page - Cypress Semiconductor CY37256P Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 12 of 64
Logic Block Diagrams (continued)
CY37384/CY37384V (256-Lead BGA)
LOGIC
BLOCK
AH
LOGIC
BLOCK
AI
LOGIC
BLOCK
BD
LOGIC
BLOCK
BE
LOGIC
BLOCK
BG
LOGIC
BLOCK
BL
LOGIC
BLOCK
BI
LOGIC
BLOCK
BJ
LOGIC
BLOCK
BK
LOGIC
BLOCK
AA
LOGIC
BLOCK
AB
LOGIC
BLOCK
AC
LOGIC
BLOCK
AD
LOGIC
BLOCK
AF
LOGIC
BLOCK
BF
LOGIC
BLOCK
AG
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
16
PIM
Input
Clock/
Input
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
I/O0−I/O11
I/O12−I/O23
I/O24−I/O35
I/O48−I/O59
I/O60−I/O71
I/O72−I/O83
I/O168−I/O191
I/O156−I/O179
I/O144−I/O167
I/O120−I/O143
I/O108−I/O131
4
4
4
96
96
TDI
TCK
TMS
TDO
JTAG Tap
Controller
1
LOGIC
BLOCK
AJ
LOGIC
BLOCK
BC
16
16
12 I/Os
I/O96−I/O119
LOGIC
BLOCK
AK
LOGIC
BLOCK
BB
16
16
12 I/Os
I/O84−I/O95
LOGIC
BLOCK
AL
LOGIC
BLOCK
BA
16
16
12 I/Os
I/O96−I/O107
LOGIC
BLOCK
AE
LOGIC
BLOCK
BH
16
16
12 I/Os
12 I/Os
I/O36−I/O47
I/O132−I/O155
36
36
36
36
36
36
36
36


Similar Part No. - CY37256P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37256P160-125AC CYPRESS-CY37256P160-125AC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37256P160-125AI CYPRESS-CY37256P160-125AI Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37256P160-154AC CYPRESS-CY37256P160-154AC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37256P160-83AC CYPRESS-CY37256P160-83AC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
More results

Similar Description - CY37256P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com