Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V8985 Datasheet(PDF) 9 Page - Integrated Device Technology

Part No. IDT72V8985
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V8985 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V8985 Datasheet HTML 5Page - Integrated Device Technology IDT72V8985 Datasheet HTML 6Page - Integrated Device Technology IDT72V8985 Datasheet HTML 7Page - Integrated Device Technology IDT72V8985 Datasheet HTML 8Page - Integrated Device Technology IDT72V8985 Datasheet HTML 9Page - Integrated Device Technology IDT72V8985 Datasheet HTML 10Page - Integrated Device Technology IDT72V8985 Datasheet HTML 11Page - Integrated Device Technology IDT72V8985 Datasheet HTML 12Page - Integrated Device Technology IDT72V8985 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Commercial Temperature Range
IDT72V8985 3.3V Time Slot Interchange
Digital Switch 256 x 256
Test Point
Output
Pin
CL
GND
S1
RL
VCC
GND
5707 drw09
S2
S1isopencircuitexceptwhentestingoutput
levels or high impedance states.
S2 is switched to VCC or GND when testing
output levels or high impedance states.
Figure 6. Output Load
RECOMMENDED OPERATING
CONDITIONS
DC ELECTRICAL CHARACTERISTICS
NOTE:
1. Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject
to production testing.
NOTE:
1. Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing.
Symbol
Parameter
Min.
Max.
Unit
Vcc
Symbol Voltage
-0.3
5.0
V
Vi
Voltage on Digital Inputs
GND - 0.3
VCC +0.5
V
VO
Voltage on Digital Outputs
GND - 0.3
VCC +0.3
V
IO
Current at Digital Outputs
20
mA
TS
StorageTemperature
-55
+125
° C
PD
Package Power Dissapation
1
W
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
VCC
Positive Supply
3.0
3.3
3.6
V
VI
InputVoltage
0
5.25
V
TOP
OperatingTemperature
-40
25
+85
°C
Commercial
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
Test Conditions
ICC
Supply Current
3
5
mA
OutputsUnloaded
VIH
Input High Voltage
2.0

V
VIL
Input Low Voltage

0.8
V
IIL
InputLeakage(Inputs)

15
µAVI between GND and VCC
CI
InputCapacitance

10
pF
VOH
Output High Voltage
2.4

VIOH = 10mA
IOH
Output High Current
10

mA
Sourcing. VOH = 0.8V
VOL
Output Low Voltage

0.4
V
IOL = 5mA
IOL
Output Low Current
5

mA
Sinking. VOL = 0.4V
IOZ
High Impedance Leakage

5
µAVO between GND and VCC
CO
Output Pin Capacitance

10
pF
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only a functional operation
of the device at these or any conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
ABSOLUTE MAXIMUM RATINGS(1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V7326 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16 384 X 16 384 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70200 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 1  2  3  4  5  More Integrated Device Technology
IDT72V70840 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70210 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8981 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn