Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V8985 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT72V8985
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT72V8985 Datasheet(HTML) 3 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Commercial Temperature Range
IDT72V8985 3.3V Time Slot Interchange
Digital Switch 256 x 256
PIN DESCRIPTIONS
SYMBOL
NAME
I/O
DESCRIPTION
GND
Ground.
Ground Rail.
VCC
VCC
+3.3 Volt Power Supply.
DTA
Data Acknowledgment
O
This active LOW output indicates that a data bus transfer is complete. A pull-up resistor is required at this
(Open Drain)
output.
RX0-7
RX Input 0 to 7
I
Serial data input streams. These streams have 32 channels at data rates of 2.048 Mb/s.
F0i
Frame Pulse
I
This input accepts and automatically identifies frame synchronization signals formatted according to different
backplane specifications such as ST-BUS® and GCI.
C4i
Clock
I
4.096 MHz serial clock for shifting data in and out of the data streams.
A0-A5
Address 0 to 5
I
These lines provide the address to IDT72V8985 internal registers.
DS
Data Strobe
I
This is the input for the active HIGH data strobe on the microprocessor interface. This input operates with
CS to enable the internal read and write generation.
R/
W
Read/Write
I
This input controls the direction of the data bus lines (D0-D7) during a microprocessor access.
CS
Chip Select
I
Active LOW input enabling a microprocessor read or write of control register or internal memories.
D0-D7
Data Bus 0 to 7
I/O
These pins provide microprocessor access to data in the internal control register. Connection Memory HIGH,
Connection Memory LOW and data memory.
TX0-7
TX Outputs 0 to 7
O
Serial data output streams. These streams are composed of 32, 64 Kbit/s channels at data rates of 2.048 Mb/s.
(Three-state Outputs)
ODE
Output Drive Enable
I
This is an output enable for the TX0-7 serial outputs. If this input is LOW, TX0-7 are high-impedance. If this is
HIGH, each channel may still be put into high-impedance by software control.
CCO
Control Channel Output
O
This output is a 2.048 Mb/s line which contains 256 bits per frame. The level of each bit is controlled by the
contents of the CCO bit in the Connection Memory HIGH locations.
RESET
Device Reset
I
This input (active LOW) puts the IDT72V8985 in its reset state that clears the device internal counters,
(Schmitt Trigger Input)
registers and brings TX0-7 and microport data outputs to a high-impedance state. The time constant for a
power up reset circuit must be a minimum of five times the rise time of the power supply. In normal operation,
the
RESET pin must be held LOW for a minimum of 100ns to reset the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn