Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V8985 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT72V8985
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V8985 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V8985 Datasheet HTML 1Page - Integrated Device Technology IDT72V8985 Datasheet HTML 2Page - Integrated Device Technology IDT72V8985 Datasheet HTML 3Page - Integrated Device Technology IDT72V8985 Datasheet HTML 4Page - Integrated Device Technology IDT72V8985 Datasheet HTML 5Page - Integrated Device Technology IDT72V8985 Datasheet HTML 6Page - Integrated Device Technology IDT72V8985 Datasheet HTML 7Page - Integrated Device Technology IDT72V8985 Datasheet HTML 8Page - Integrated Device Technology IDT72V8985 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Commercial Temperature Range
IDT72V8985 3.3V Time Slot Interchange
Digital Switch 256 x 256
35
34
33
32
31
30
29
37
36
5707 drw02
INDEX
38
39
11
12
13
14
15
16
17
9
10
8
7
TX3
TX4
TX5
TX6
TX7
GND
D0
RX3
RX4
RX5
RX6
RX7
VCC
F0i
C4i
A0
D1
D2
D3
D4
A1
A2
PIN CONFIGURATION
PLCC: 0.05in. pitch, 0.65in. x 0.65in
(J44-1, order code: J)
TOP VIEW
TOP VIEW
DTA
CCO
ODE
1
2
40
39
TX0
3
38
TX1
4
37
TX2
5
36
TX3
6
35
TX4
7
34
TX5
8
33
TX6
9
32
TX7
10
31
GND
11
30
12
29
CS
13
28
14
27
15
16
17
18
19
20
26
25
RX1
RX2
RX3
RX4
RX5
RX6
F0i
R/
W
DS
C4i
VCC
RX7
RX0
21
22
23
2
4
48
47
46
45
44
43
42
41
GND
RESET(2)
GND
5707 drw04
DNC(1)
A0
D0
DNC(1)
DNC(1)
DNC(1)
VCC
D1
D2
D3
D4
D5
D6
D7
A1
A2
A3
A5
A4
NOTES:
1. DNC - Do Not Connect
2. The
RESET Input is only provided on the SSOP package.
PQFP: 0.80mm pitch, 10mm x 10mm
(DB44-1, order code: DB)
TOP VIEW
29
28
27
26
25
24
23
31
30
5707 drw03
INDEX
32
33
5
6
7
8
9
10
11
3
4
2
1
TX3
TX4
TX5
TX6
TX7
GND
D0
RX3
RX4
RX5
RX6
RX7
VCC
F0i
C4i
A0
D1
D2
D3
D4
A1
A2
Package Type
Reference Identifier
Order Code
SSOP: 0.025in. pitch, 0.625in. x 0.295in.
SO48-1
PV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V7326 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16 384 X 16 384 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70200 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 1  2  3  4  5  More Integrated Device Technology
IDT72V70840 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70210 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8981 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn