Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP942CJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP942CJ
Description  8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP942CJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP942CJ Datasheet HTML 2Page - National Semiconductor (TI) COP942CJ Datasheet HTML 3Page - National Semiconductor (TI) COP942CJ Datasheet HTML 4Page - National Semiconductor (TI) COP942CJ Datasheet HTML 5Page - National Semiconductor (TI) COP942CJ Datasheet HTML 6Page - National Semiconductor (TI) COP942CJ Datasheet HTML 7Page - National Semiconductor (TI) COP942CJ Datasheet HTML 8Page - National Semiconductor (TI) COP942CJ Datasheet HTML 9Page - National Semiconductor (TI) COP942CJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AC Electrical Characteristics COP94x (Continued)
0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
MICROWIRE Setup Time (t
µWS)20
ns
MICROWIRE Hold Time (t
µWH)56
ns
MICROWIRE Output
Propagation Delay (t
µPD)
220
ns
Reset Pulse Width
1.0
µs
Note 7: Parameter sampled but not 100% tested.
www.national.com
6


Similar Part No. - COP942CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP942CJ NSC-COP942CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
More results

Similar Description - COP942CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
COPCH823CJ NSC-COPCH823CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
logo
NXP Semiconductors
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
logo
KODENSHI_AUK CORP.
KKA84C640ANS KODENSHI-KKA84C640ANS Datasheet
142Kb / 3P
   8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
Integral Corp.
INA84C640 INTEGRAL-INA84C640 Datasheet
24Kb / 2P
   8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
NXP Semiconductors
84C44X PHILIPS-84C44X Datasheet
267Kb / 38P
   8-bit microcontrollers with OSD and VST
October 1994
logo
Integral Corp.
INA84C641 INTEGRAL-INA84C641 Datasheet
89Kb / 2P
   8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
507Kb / 19P
   Standalone PFC Controller in CCM with Input Brown-Out Protection
Version 2.0, 10 Oct 2007
logo
Monolithic Power System...
MA780 MPS-MA780 Datasheet
1Mb / 32P
   8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com