Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28322-2 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part No. CY28322-2
Description  133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28322-2 Datasheet(HTML) 15 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
PRELIMINARY
CY28322-2
Document #: 38-07145 Rev. *B
Page 15 of 17
Test Circuit
Ordering Information
Ordering Code
Package Type
Operating
Range
CY28322ZC-2
48-pin TSSOP
Commercial
3, 7, 16, 27, 32, 41
VDD_REF, VDD_PCI,
OUTPUTS
CY28322-2
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
11, 15, 28, 40, 44, 48
1.0V Test Load
2 pF
2 pF
33
33
63.4
63.4
475
1.0V Amplitude


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn