Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

C10T60F Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part No. C10T60F
Description  SQUARE-PAK, Dual Diodes, Ultra Fast Recovery, Low Forward Voltage Drop
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NIEC [Nihon Inter Electronics Corporation]
Homepage  http://www.niec.co.jp
Logo 

C10T60F Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FRD Type :
C10T60F
C10T60F
C10T60F
C10T60F
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:1.4g
Rating
Symbol
C10T60F
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
Average Rectified Output Current
IO
10
Tc=99
°C
50 Hz,Full Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
11.1
A
Surge Forward Current
IFSM
80
50 Hz Full Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max. Unit
Peak Reverse Current
IRM
Tj=25
°C,VRM=VRRM per Arm
-
-
30
µA
Peak Forward Voltage
VFM
Tj=25
°C, IFM=5A per Arm
-
-
1.7
V
Reverse Recovery Time
trr
IFM= 5 A,
-di/dt= 50 A/
µs, Ta= 25°C
-
-
40
ns
Thermal Resistance
Rth(j-c) Junction to Case
-
-
3
°C/W
FEATURES
* SQUARE-PAK TO263AB Case (SMD)
Packaged in 24mm Tape and Reel
* Dual Diodes – Cathode Common
* Ultra – Fast Recovery
* Low Forward Voltage Drop
* High Surge Capability
* 200 Volts thru 600 Volts Types Available


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C120P04QEDual Diodes - Cathode Common Low Forward Voltage Drop 1 2 Nihon Inter Electronics Corporation
SD175SC200AUltra Fast Trr < 24 nsec SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 1 2 3 Sensitron
BUP305DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP603DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP306DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP307DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT70-05Silicon Schottky Diodes Parallel connection for maximum IF per package Low forward voltage drop For power supply 1 2 Siemens Semiconductor Group
BUP314DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
BUP400DIGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1 2 3 4 5 MoreSiemens Semiconductor Group
OM5301ST20 AMP ULTRA FAST ULTRA LOW FORWARD VOLTAGE CENTER-TAP POWER RECTIFIER 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn