Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SK3234 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. 2SK3234
Description  2SK3234
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

   
 3 page
background image
2SK3234
3
主特性
40
30
20
10
0
50
100
150
200
30
10
3
1
0.3
0.1
13
10
30
100
300
1000
10
8
6
4
2
0
50
10
8
6
4
2
0
24
68
10
0.03
0.01
100
Ta = 25
°C
V
= 4V
GS
5 V
5.5 V
Tc = 75
°C
25
°C
-25
°C
Tc (
°C)
V
(V)
DS
V
(V)
DS
V
(V)
GS
V
= 10 V
DS
100
µs
1 ms
PW
=
10
ms
(1shot)
DC
Operation
(Tc
=
25
°C
)
R DS(on)
10
µs
4.5 V
10 V
6 V
40
30
20
10




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl