Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SK3234 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. 2SK3234
Description  2SK3234
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

   
 1 page
background image
2SK3234
シリコン N チャネル MOS FET
高速度電力スイッチング
ADJ-208-696F (Z)
第 7 版
2002.01
特長
低オン抵抗:R
DS(on) =0.65Ω typ.
ドレイン遮断電流が低い:I
DSS=1µA max (at VDS=500V)
スイッチング速度が速い:tf=25ns typ (at V
GS=10V, VDD=250V, ID=4A)
入力ダイナミック容量(Qg)が低い:Qg=25nC typ (V
DD=400V, VGS=10V, ID=8A)
アバランシェ保証
外観図
1
2
3
1.
2.
3.
TO-220CFM
D
G
S




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl