Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSBM30SM60A Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part No. FSBM30SM60A
Description  SPM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM30SM60A Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FSBM30SM60A Datasheet HTML 8Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 9Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 10Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 11Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 12Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 13Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 14Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 15Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 16Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. E, August 2003
P1 : Normal operation - IGBT ON and conducting current
P2 : Short-Circuit current detection
P3 : IGBT gate interrupt / Fault signal generation
P4 : IGBT is slowly turned off
P5 : IGBT OFF signal
P6 : IGBT ON signal - but IGBT cannot be turned on during the fault Output activation
P7 : IGBT OFF state
P8 : Fault Output reset and normal operation start
Fig. 11. Short-Circuit Current Protection (Low-side Operation only)
Internal IGBT
Gate-Emitter Voltage
Input Signal
Output Current
Sensing Voltage
Fault Output Signal
P1
P2
P3
P4
P6
P5
P7
P8
SC Reference
Voltage (0.5V)
RC Filter Delay
SC Detection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPAL15SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SH60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSB50450 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPAL30SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL10SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn