Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSBM30SM60A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FSBM30SM60A
Description  SPM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSBM30SM60A Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. E, August 2003
Absolute Maximum Ratings (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
1. It would be recommended that the average junction temperature should be limited to TJ ≤ 125°C (@TC ≤ 100°C) in order to guarantee safe operation.
Control Part
Total System
Item
Symbol
Condition
Rating
Unit
Supply Voltage
VPN
Applied between P- NU, NV, NW
450
V
Supply Voltage (Surge)
VPN(Surge)
Applied between P- NU, NV, NW
500
V
Collector-Emitter Voltage
VCES
600
V
Each IGBT Collector Current
± IC
TC = 25°C
30
A
Each IGBT Collector Current
± IC
TC = 100°C
16
A
Each IGBT Collector Current (Peak)
± ICP
TC = 25°C,
Instantaneous Value (Pulse)
60
A
Collector Dissipation
PC
TC = 25°C per One Chip
62
W
Operating Junction Temperature
TJ
(Note 1)
-20 ~ 125
°C
Item
Symbol
Condition
Rating
Unit
Control Supply Voltage
VCC
Applied between VCC(UH), VCC(VH), VCC(WH) - COM(H),
VCC(L) - COM(L)
20
V
High-side Control Bias Voltage
VBS
Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) -
VS(W)
20
V
Input Signal Voltage
VIN
Applied between IN(UH), IN(VH), IN(WH) - COM(H)
IN(UL), IN(VL), IN(WL) - COM(L)
-0.3 ~ VCC+0.3
V
Fault Output Supply Voltage
VFO
Applied between VFO - COM(L)
-0.3 ~ VCC+0.3
V
Fault Output Current
IFO
Sink Current at VFO Pin
5
mA
Current Sensing Input Voltage
VSC
Applied between CSC - COM(L)
-0.3 ~ VCC+0.3
V
Item
Symbol
Condition
Rating
Unit
Self Protection Supply Voltage Limit
(Short-Circuit Protection Capability)
VPN(PROT) VCC = VBS = 13.5 ~ 16.5V
TJ = 25°C, Non-repetitive, less than 6µs
400
V
Module Case Operation Temperature
TC
Note Fig.2
-20 ~ 100
°C
Storage Temperature
TSTG
-20 ~ 125
°C
Isolation Voltage
VISO
60Hz, Sinusoidal, AC 1 minute, Connection
Pins to Heat-sink Plate
2500
Vrms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FPAL15SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SH60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSB50450Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPAL30SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL10SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn