Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD17N25-165 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUD17N25-165
Description  N-Channel 250-V (D-S) 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD17N25-165 Datasheet(HTML) 4 Page - Vishay Siliconix

  SUD17N25-165 Datasheet HTML 1Page - Vishay Siliconix SUD17N25-165 Datasheet HTML 2Page - Vishay Siliconix SUD17N25-165 Datasheet HTML 3Page - Vishay Siliconix SUD17N25-165 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUD17N25-165
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72851
S-40578—Rev. A, 29-Mar-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.4
0.8
1.2
1.6
2.0
2.4
2.8
−50 −25
0
25
50
75
100 125 150 175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ − Junction Temperature (_C)
VSD − Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
VGS = 10 V
ID = 17 A
TJ = 25_C
TJ = 150_C
0
THERMAL RATINGS
0.02
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
10
0.1
0.1
1
10
1000
Limited by rDS(on)
1
100
TC = 25_C
Single Pulse
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10−4
10−3
10−2
10−1
Maximum Avalanche Drain Current
vs. Case Temperature
TC − Case Temperature (_C)
0
4
8
12
16
20
0
25
50
75
100
125
150
175
0.2
0.1
Duty Cycle = 0.5
10 ms
100 ms, dc
1
100 ms
10 ms
100
1 ms
0.05
Single Pulse


Similar Part No. - SUD17N25-165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD17N25-165 VISHAY-SUD17N25-165 Datasheet
92Kb / 5P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. B, 06-Aug-07
SUD17N25-165 VISHAY-SUD17N25-165 Datasheet
71Kb / 4P
   N-Channel 250 V (D-S) 175 Celsius MOSFET
Rev. C, 14-Feb-11
SUD17N25-165-E3 VISHAY-SUD17N25-165-E3 Datasheet
92Kb / 5P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. B, 06-Aug-07
SUD17N25-165 VISHAY-SUD17N25-165_08 Datasheet
92Kb / 5P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. B, 06-Aug-07
SUD17N25-165 VISHAY-SUD17N25-165_11 Datasheet
71Kb / 4P
   N-Channel 250 V (D-S) 175 Celsius MOSFET
Rev. C, 14-Feb-11
More results

Similar Description - SUD17N25-165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM18N25-165 VISHAY-SUM18N25-165 Datasheet
69Kb / 5P
   N-Channel 250-V (D-S) 175C MOSFET
Rev. A, 15-Mar-04
SUP40N25-60 VISHAY-SUP40N25-60_11 Datasheet
127Kb / 7P
   N-Channel 250 V (D-S) 175C MOSFET
Rev. B, 31-Oct-11
SUP40N25-60 VISHAY-SUP40N25-60 Datasheet
90Kb / 6P
   N-Channel 250-V (D-S) 175C MOSFET
Rev. A, 15-Nov-04
SUM40N02-12P VISHAY-SUM40N02-12P Datasheet
59Kb / 5P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. D, 20-Dec-0
SUR70N02-04P VISHAY-SUR70N02-04P Datasheet
79Kb / 4P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. A, 19-Jan-04
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM110N05-06L VISHAY-SUM110N05-06L Datasheet
59Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUD40N02-08 VISHAY-SUD40N02-08_09 Datasheet
73Kb / 5P
   N-Channel 20-V (D-S), 175C MOSFET
Rev. B, 18-Aug-03
SUM16N20-125 VISHAY-SUM16N20-125 Datasheet
48Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com