Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADUM7703 Datasheet(PDF) 13 Page - Analog Devices

Part No. ADUM7703
Description  16-Bit, Isolated, Sigma-Delta ADC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM7703 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUM7703 Datasheet HTML 9Page - Analog Devices ADUM7703 Datasheet HTML 10Page - Analog Devices ADUM7703 Datasheet HTML 11Page - Analog Devices ADUM7703 Datasheet HTML 12Page - Analog Devices ADUM7703 Datasheet HTML 13Page - Analog Devices ADUM7703 Datasheet HTML 14Page - Analog Devices ADUM7703 Datasheet HTML 15Page - Analog Devices ADUM7703 Datasheet HTML 16Page - Analog Devices ADUM7703 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
ADuM7703
Rev. 0 | Page 13 of 22
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
4.5
7.6
13.8
10.7
16.9
20.0
VDD1 (V)
Figure 19. Gain Error vs. VDD1
0
2
4
6
8
10
12
14
16
4.5
7.6
10.7
13.8
16.9
20
VDD1 (V)
MCLKIN = 20MHz, –40°C
MCLKIN = 20MHz, +25°C
MCLKIN = 20MHz, +125°C
MCLKIN = 10MHz, –40°C
MCLKIN = 10MHz, +25°C
MCLKIN = 10MHz, +125°C
Figure 20. IDD1 vs. VDD1 at Various Clock Rates and Temperatures
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
–250
–125
0
125
250
VIN+ (mV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
DC INPUT
Figure 21. IDD1 vs. VIN+ DC Input at Various Temperatures
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3.0
3.5
4.0
4.5
5.0
5.5
VDD2 (V)
MCLKIN = 20MHz, –40°C
MCLKIN = 20MHz, +25°C
MCLKIN = 20MHz, +125°C
MCLKIN = 10MHz, –40°C
MCLKIN = 10MHz, +25°C
MCLKIN = 10MHz, +125°C
Figure 22. IDD2 vs. VDD2 at Various Clock Rates and Temperatures
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–250
–125
0
125
250
VIN+ (mV)
DC INPUT
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 23. IDD2 vs. VIN+ DC Input at Various Temperatures
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–320
–240
–160
–80
0
80
160
240
320
VIN+ (mV)
MCLKIN = 10MHz
MCLKIN = 20MHz
DC INPUT
Figure 24. VIN+ Current (IIN+) vs. VIN+ DC Input


Similar Part No. - ADUM7703

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADUM7703 AD-ADUM7703 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703-8BRIZ AD-ADUM7703-8BRIZ Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703-8BRIZ-RL AD-ADUM7703-8BRIZ-RL Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703-8BRIZ-RL7 AD-ADUM7703-8BRIZ-RL7 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703BRWZ AD-ADUM7703BRWZ Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results

Similar Description - ADUM7703

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7702 AD-ADUM7702 Datasheet
493Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
AD7402 AD-AD7402 Datasheet
519Kb / 20P
   16-Bit, Isolated Sigma-Delta Modulator
ADUM7701 AD-ADUM7701 Datasheet
485Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
AD7403 AD-AD7403 Datasheet
655Kb / 25P
   16-Bit, Isolated Sigma-Delta Modulator
ADUM7704 AD-ADUM7704 Datasheet
384Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz