Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8240VTPU200ETC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # PC8240VTPU200ETC
Description  Integrated Processor Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240VTPU200ETC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button PC8240VTPU200ETC Datasheet HTML 5Page - ATMEL Corporation PC8240VTPU200ETC Datasheet HTML 6Page - ATMEL Corporation PC8240VTPU200ETC Datasheet HTML 7Page - ATMEL Corporation PC8240VTPU200ETC Datasheet HTML 8Page - ATMEL Corporation PC8240VTPU200ETC Datasheet HTML 9Page - ATMEL Corporation PC8240VTPU200ETC Datasheet HTML 10Page - ATMEL Corporation PC8240VTPU200ETC Datasheet HTML 11Page - ATMEL Corporation PC8240VTPU200ETC Datasheet HTML 12Page - ATMEL Corporation PC8240VTPU200ETC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
PC8240
2149A–HIREL–05/02
Figure 2. Supply Voltage Sequencing and Separation Cautions
Notes:
1. Numbers associated with waveform separations correspond to caution numbers listed in Table 3, “Recommended Operat-
ing Conditions,” on page 8.
2. Refer to “Power Supply Voltage Sequencing” on page 35 for additional information.
3. Refer to Table 9 on page 18 for additional information on PLL Relock and reset signal assertion timing requirements.
4. Refer to Table 10 on page 20 for additional information on reset configuration pin setup timing requirements.
5. HRST_CPU/HRST_CTRL must transition from a logic 0 to a logic 1 in less than one SDRAM_SYNC_IN clock cycle for the
devicetobein the non-resetstate.
OVdd/GVdd/(LVdd@3.3V ----)
Vdd/AVdd/AVdd2/LAVdd
LVdd at 5V
Time
3.3V
5V
2.5V
0
7
10
9
9
10
6.8
Voltage
Regulator
Delay(2)
Reset
Configuration Pins
HRST_CPU &
HRST_CTRL
asserted 255
external memory
Clock cycles(3)
9 external memory
clock cycles setup time(4)
HRST_CPU &
HRST_CTRL
Vdd Stable
(1)
VM = 1.4V
Maximum rise time must be less than
one external memory clock cycle(5)
100 ms
PLL
Relock
Time(3)
Power Supply Ramp Up(2)


Similar Part No. - PC8240VTPU200ETC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PC8240T6N CEL-PC8240T6N Datasheet
742Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results

Similar Description - PC8240VTPU200ETC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC8245 ATMEL-PC8245 Datasheet
429Kb / 61P
   Integrated Processor Family
logo
Freescale Semiconductor...
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
   Family Radio Processor
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
logo
Freescale Semiconductor...
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com