Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8240 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # PC8240
Description  Integrated Processor Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8240 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button PC8240 Datasheet HTML 2Page - ATMEL Corporation PC8240 Datasheet HTML 3Page - ATMEL Corporation PC8240 Datasheet HTML 4Page - ATMEL Corporation PC8240 Datasheet HTML 5Page - ATMEL Corporation PC8240 Datasheet HTML 6Page - ATMEL Corporation PC8240 Datasheet HTML 7Page - ATMEL Corporation PC8240 Datasheet HTML 8Page - ATMEL Corporation PC8240 Datasheet HTML 9Page - ATMEL Corporation PC8240 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
PC8240
2149A–HIREL–05/02
Notes:
1. Place pull-up resistors of 120
Ω or less on the TEST[0 – 1] pins.
2. Treat these pins as No Connects unless using debug address functionality.
3. This pin has an internal pull-up resistor which is enabled only when the PC8240 is in the reset state. The value of the inter-
nal pull-up resistor is not guaranteed, but is sufficient to ensure that a "1" is read into configuration bits during reset.
4. This pin is a reset configuration pin.
5. DL[0] is a reset configuration pin and has an internal pull-up resistor which is enabled only when the PC8240 is in the reset
state. The value of the internal pull-up resistor is not guaranteed, but is sufficient to insure that a "1" is read into configuration
bits during reset.
6. Multi-pin signals such as AD[0 – 31] or DL[0 – 31] have their physical package pin numbers listed in order corresponding to
the signal names. Ex: AD0 is on pin C22, AD1 is on pin D22,... AD31 is on pin V25.
7. GNT4 is a reset configuration pin and has an internal pull-up resistor which is enabled only when the PC8240 is in the reset
state. The value of the internal pull-up resistor is not guaranteed, but is sufficient to insure that a "1" is read into configuration
bits during reset.
8. Recommend a weak pull-up resistor (2 k
Ω –10kΩ) beplacedon thisPCI controlpin to LVdd.
9. V
IH and VIL for these signals are the same as the PCI VIH and VIL entries in Table 6, “DC Electrical Specifications,” on
page 16.
10. Recommend a weak pull-up resistor (2 k
Ω –10kΩ) beplacedon thispin to OVdd.
11. Recommend a weak pull-up resistor (2 k
Ω –10kΩ) beplacedon thispin to GVdd.
12. This pin has an internal pull-up resistor; the value of the internal pull-up resistor is not guaranteed, but is sufficient to prevent
unused inputs from floating.
13. Output Valid specifications for this pin are memory interface mode dependent (Registered or Flow-through), see Table 11,
“Output AC Timing Specifications,” on page 22.
14. Non-DRAM Access Output Valid specification applies to this pin during non-DRAM accesses, see specification 12b3 in
Table 11, “Output AC Timing Specifications,” on page 22.
15. This pin is affected by programmable PCI_HOLD_DEL parameter, see “PCI Signal Output Hold Timing” on page 23.
16. This pin is an open drain signal.
17. This pin can be programmed to be driven (default) or can be programmed to be open drain; see PMCR2 register description
in the Motorola PC8240 User’s Manual for details.
18. This pin is a Sustained Tri-State pin as defined by the PCI Local Bus Specification.
AVdd
C17
Power for
PLL (CPU
Core Logic)
2.5V
AVdd
AVdd2
AF24
Power for
PLL
(Peripheral
Logic) 2.5V
AVdd2
Manufacturing Pins
DA2
C25
I/O
OVdd
DRV_PCI
(2)
DA[11
13]
AD26 AF17 AF19
I/O
OVdd
DRV_PCI
(2)(6)
DA[14
15]
F1 J2
I/O
GVdd
DRV_MEM_ADDR
(2)(6)
Table 1. PC8240 Pinout Listing (Continued)
Signal Name
Package Pin Number
Pin Type
Power
Supply
Output Driver
Type
Notes


Similar Part No. - PC8240

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PC8240T6N CEL-PC8240T6N Datasheet
742Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results

Similar Description - PC8240

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC8245 ATMEL-PC8245 Datasheet
429Kb / 61P
   Integrated Processor Family
logo
Freescale Semiconductor...
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
   Family Radio Processor
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
logo
Freescale Semiconductor...
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com