Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC817X5NIP1B Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. PC817X5NIP1B
Description  DIP 4pin Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC817X5NIP1B Datasheet(HTML) 4 Page - Sharp Electrionic Components

  PC817X5NIP1B Datasheet HTML 1Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 2Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 3Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 4Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 5Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 6Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 7Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 8Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PC817XxNSZ1B Series
Sheet No.: OP18002EN
(Ta25̊C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1 Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
VCEO
80
V
Emitter-collector voltage
VECO
6
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
200
mW
*2 Isolation voltage
Viso(rms)
5
kV
Operating temperature
Topr
30 to 100
̊C
Storage temperature
Tstg
55 to 125
̊C
*2 Soldering temperature
Tsol
270
̊C
*1 Pulse width≦100μs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute
*3 For 10s
Absolute Maximum Ratings
Electro-optical Characteristics
(Ta
25̊C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF
20mA
1.2
1.4
V
Peak forward voltage
VFM
IFM0.5A
3.0
V
Reverse current
IR
VR
4V
10
A
Terminal capacitance
Ct
V
0, f1kHz
30
250
pF
Output
Dark current
ICEO
VCE
50V,IF0
100
nA
Collector-emitter breakdown voltage
BVCEO
IC
0.1mA, IF0
80
V
Emitter-collector breakdown voltage
BVECO
IE
10A, IF0
6
V
Transfer
charac

teristics
Collector current
IC
IF
5mA, VCE5V
2.5
30
mA
Collector-emitter saturation voltage
VCE(sat)
IF
20mA, IC1mA
0.1
0.2
V
Isolation resistance
RISO
DC500V, 40 to 60%RH
5×1010
1×1011
Ω
Floating capacitance
Cf
V
0, f1MHz
0.6
1.0
pF
Cut-off frequency
fC
VCE
5V, IC2mA, RL100Ω, 3dB
80
kHz
Response time
Risetime
tr
VCE
2V, IC2mA, RL100Ω
4
18
s
Fall time
tf
3
18
s


Similar Part No. - PC817X5NIP1B

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817X5NIP0F SHARP-PC817X5NIP0F Datasheet
523Kb / 14P
   PC817XxNiP0F Series Photocoupler
June 2008
More results

Similar Description - PC817X5NIP1B

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz