Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC817X5NIP1B Datasheet(PDF) 13 Page - Sharp Electrionic Components

Part No. PC817X5NIP1B
Description  DIP 4pin Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC817X5NIP1B Datasheet(HTML) 13 Page - Sharp Electrionic Components

Back Button PC817X5NIP1B Datasheet HTML 6Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 7Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 8Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 9Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 10Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 11Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 12Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 13Page - Sharp Electrionic Components PC817X5NIP1B Datasheet HTML 14Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Sheet No.: OP18002EN
● Tape and Reel package
SMT Gullwing
Package materials
Carrier tape : PS
Cover tape : PET (three layer system)
Reel : PS
Carrier tape structure and Dimensions
Dimensions List
A
B
C
D
E
F
G
16.00.3
7.50.1
1.750.10
8.00.1
2.00.1
4.00.1
1.50.1
0.0
H
I
J
K
10.30.1
0.400.05
4.00.1
5.30.1
Dimensions List
(Unit : mm)
a
b
c
d
330
17.51.5
1001
13.00.5
e
f
g
21.01
2.00.5
2.00.5
[Packing : 2,000pcs/reel]
PC817XxNSZ1B Series
(Unit : mm)
Direction of product insertion
Reel structure and Dimensions


Similar Part No. - PC817X5NIP1B

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817X5NIP0F SHARP-PC817X5NIP0F Datasheet
523Kb / 14P
   PC817XxNiP0F Series Photocoupler
June 2008
More results

Similar Description - PC817X5NIP1B

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz