Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC817X5NSZ1B Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. PC817X5NSZ1B
Description  DIP 4pin Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC817X5NSZ1B Datasheet(HTML) 3 Page - Sharp Electrionic Components

  PC817X5NSZ1B Datasheet HTML 1Page - Sharp Electrionic Components PC817X5NSZ1B Datasheet HTML 2Page - Sharp Electrionic Components PC817X5NSZ1B Datasheet HTML 3Page - Sharp Electrionic Components PC817X5NSZ1B Datasheet HTML 4Page - Sharp Electrionic Components PC817X5NSZ1B Datasheet HTML 5Page - Sharp Electrionic Components PC817X5NSZ1B Datasheet HTML 6Page - Sharp Electrionic Components PC817X5NSZ1B Datasheet HTML 7Page - Sharp Electrionic Components PC817X5NSZ1B Datasheet HTML 8Page - Sharp Electrionic Components PC817X5NSZ1B Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Sheet No.: OP18002EN
3
Date code
MON
TUE
WED
THU
FRI
SAT
SUN
652
12/26
12/27
12/28
12/29
12/30
12/31
1/1
701
1/2
1/3
1/4
1/5
1/6
1/7
1/8
702
1/9
1/10
1/11
1/12
1/13
1/14
1/15
703
1/16
1/17
1/18
1/19
1/20
1/21
1/22
752
12/11
12/12
12/13
12/14
12/15
12/16
12/17
751
12/18
12/19
12/20
12/21
12/22
12/23
12/24
752
12/25
12/26
12/27
12/28
12/29
12/30
12/31
801
1/1
1/2
1/3
1/4
1/5
1/6
1/7
Year
Week
Date code indication (Ex.)
3-digit number shall be marked the age indication of 1-digit number, and week code of 2-digit number.
Week code “01” indicate the week including the first Thursday of January. And later, Monday is the starting
point.
Rank mark
Refer to the Model Line-up table.
Factory identification mark and Plating material
Factory identification Mark
Country of origin
Plating material
K
Japan
SnBi (Bi : 1~4%)
PC817XxNSZ1B Series


Similar Part No. - PC817X5NSZ1B

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817X5NSZ0F SHARP-PC817X5NSZ0F Datasheet
952Kb / 13P
   PC817XxNSZ0F Series DC Photocoupler
January 2006
More results

Similar Description - PC817X5NSZ1B

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz