Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8100BL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RTL8100BL
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8100BL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RTL8100BL Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8100BL Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8100BL Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8100BL Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8100BL Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8100BL Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8100BL Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8100BL Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8100BL Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
6
4. Pin Description
4.1 Power Management/Isolation Interface
Symbol
Type
Pin No
Description
PMEB
(PME#)
O/D
57
Power Management Event: Open drain, active low. Used by the
RTL8100B(L) to request a change in its current power management
state and/or to indicate that a power management event has occurred.
ISOLATEB
(ISOLATE#)
I
74
Isolate Pin: Active low. Used to isolate the RTL8100B(L) from the PCI
bus. The RTL8100B(L) does not drive its PCI outputs (excluding
PME#) and does not sample its PCI input (including RST# and
PCICLK) as long as the Isolate pin is asserted.
LWAKE
O
64
LAN WAKE-UP Signal: This signal is used to inform the motherboard
to execute the wake-up process. The motherboard must support
Wake-On-LAN (WOL). There are 4 choices of output, including active
high, active low, positive pulse, and negative pulse, that may be asserted
from the LWAKE pin. Please refer to the LWACT bit in the CONFIG1
register and the LWPTN bit in the CONFIG4 register for the setting of
this output signal. The default output is an active high signal.
Once a PME event is received, the LWAKE and PMEB assert at the
same time when the LWPME (bit4, CONFIG4) is set to 0. If the
LWPME is set to 1, the LWAKE asserts only when the PMEB asserts
and the ISOLATEB is low.
This pin is a 3.3V signaling output pin.
4.2 PCI Interface
Symbol
Type
Pin No
Description
AD31-0
T/S
86,87,89,91-95,100,
1,3-5,8-10,23-30,33,
36-38,41,42,44,45
PCI Address and Data Multiplexed Pins
C/BE3-0
T/S
98,11,21,32
PCI bus command and byte enables multiplexed pins.
CLK
I
83
Clock: This PCI Bus clock provides timing for all transactions and bus
phases, and is input to PCI devices. The rising edge defines the start of
each phase. The clock frequency ranges from 0 to 40MHz. For normal
network operation, the RTL8100B(L) requires a minimum PCI clock
frequency of 16.75MHz.
DEVSELB
S/T/S
15
Device Select: As a bus master, the RTL8100B (L) samples this signal
to insure that a PCI target recognizes the destination address for the data
transfer. As a target, the RTL8100B(L) asserts this signal low when it
recognizes its target address after FRAMEB is asserted.
FRAMEB
S/T/S
12
Cycle Frame: As a bus master, this pin indicates the beginning and
duration of an access. FRAMEB is asserted low to indicate the start of a
bus transaction. While FRAMEB is asserted, data transfer continues.
When FRAMEB is deasserted, the transaction is in the final data phase.
As a target, the device monitors this signal before decoding the address
to check if the current transaction is addressed to it.


Similar Part No. - RTL8100BL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8100BL REALTEK-RTL8100BL Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL-GR REALTEK-RTL8100BL-GR Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL-LF REALTEK-RTL8100BL-LF Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
RTL8308B ETC-RTL8308B Datasheet
397Kb / 28P
   REALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com