Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUBW15-12A7 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MUBW15-12A7
Description  Converter - Brake - Inverter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW15-12A7 Datasheet(HTML) 4 Page - IXYS Corporation

  MUBW15-12A7 Datasheet HTML 1Page - IXYS Corporation MUBW15-12A7 Datasheet HTML 2Page - IXYS Corporation MUBW15-12A7 Datasheet HTML 3Page - IXYS Corporation MUBW15-12A7 Datasheet HTML 4Page - IXYS Corporation MUBW15-12A7 Datasheet HTML 5Page - IXYS Corporation MUBW15-12A7 Datasheet HTML 6Page - IXYS Corporation MUBW15-12A7 Datasheet HTML 7Page - IXYS Corporation MUBW15-12A7 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2001 IXYS All rights reserved
4 - 8
MUBW 15-12 A7
Temperature Sensor NTC
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
25
T = 25°C
4.75
5.0
5.25
k
B
25/50
3375
K
Module
Symbol
Conditions
Maximum Ratings
T
VJ
Operating
-40...+125
°C
T
JM
150
°C
T
stg
-40...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz
2500
V~
M
d
Mounting torque (M5)
2.7 - 3.3
Nm
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
pin-chip
5m
d
S
Creepage distance on surface
6
mm
d
A
Strike distance in air
6
mm
R
thCH
with heatsink compound
0.02
K/W
Weight
180
g
Dimensions in mm (1 mm = 0.0394")


Similar Part No. - MUBW15-12A7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW15-12A6 IXYS-MUBW15-12A6 Datasheet
298Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW15-12A6K IXYS-MUBW15-12A6K Datasheet
201Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
More results

Similar Description - MUBW15-12A7

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-06A6K IXYS-MUBW35-06A6K Datasheet
124Kb / 4P
   Converter - Brake - Inverter Module
MUBW30-12A6 IXYS-MUBW30-12A6 Datasheet
290Kb / 8P
   Converter - Brake - Inverter Module
logo
Powersem GmbH
PSIPM35-12 POWERSEM-PSIPM35-12 Datasheet
727Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW50-12E8 IXYS-MUBW50-12E8 Datasheet
91Kb / 4P
   Converter - Brake - Inverter Module
MUBW100-06A8 IXYS-MUBW100-06A8 Datasheet
98Kb / 4P
   Converter - Brake - Inverter Module
MUBW25-12A7 IXYS-MUBW25-12A7 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-12E7 IXYS-MUBW35-12E7 Datasheet
72Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com