Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPS4356 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. MPS4356
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MPS4356 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
MPS4356
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Output Capacitance
Cob
VCB=20V, IE=0,f=1MHz
30
pF
Input Capacitance
Cib
VBE=0.5V, f=1MHz
110
pF
Small Signal Current Gain
hfe
IC=0.5V, VCE=10V,
f=100MHz
1.0
5.0
Noise Figure
NF
VCE=10V, IC=100mA,
RS=1KΩ, f=1KHz,
BW=1Hz
3.0
dB
SWITCHING CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Turn On Time
ton
100
ns
Turn Off Time
t off
400
ns
MPS4356Rev180303E
VCC=30V, IC=500mA,
IB1=IB2=50mA
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 5


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn