Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJV4113R Datasheet(PDF) 2 Page - ON Semiconductor

Part # FJV4113R
Description  PNP Epitaxial Silicon Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FJV4113R Datasheet(HTML) 2 Page - ON Semiconductor

  FJV4113R Datasheet HTML 1Page - ON Semiconductor FJV4113R Datasheet HTML 2Page - ON Semiconductor FJV4113R Datasheet HTML 3Page - ON Semiconductor FJV4113R Datasheet HTML 4Page - ON Semiconductor FJV4113R Datasheet HTML 5Page - ON Semiconductor FJV4113R Datasheet HTML 6Page - ON Semiconductor FJV4113R Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJV4113R Rev. 1.1.2
1
November 2013
FJV4113R
PNP Epitaxial Silicon Transistor with Bias Resistor
Features
• 100 mA Output Current Capability
• Built-in Bias Resistor (R1 = 2.2 kΩ, R2 = 47 kΩ)
Application
• Switching, Interface, and Driver Circuits
• Inverters
• Digital Applications in Industrial Segments
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Top Mark
Package
Packing Method
FJV4113RMTF
R83
SOT-23 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-10
V
IC
Collector Current
-100
mA
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to 150
°C
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3
C
E
B
R1
R2
Equivalent Circuit
Description
Transistors with built-in resistors can be excellent
space- and cost-saving solutions by reducing compo-
nent count and simplifying circuit design.


Similar Part No. - FJV4113R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJV4113R FAIRCHILD-FJV4113R Datasheet
46Kb / 3P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - FJV4113R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com