Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M390S6450CT1 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M390S6450CT1
Description  64Mx72 SDRAM DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V Synchronous DRAMs with SPD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M390S6450CT1 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M390S6450CT1 Datasheet HTML 2Page - Samsung semiconductor M390S6450CT1 Datasheet HTML 3Page - Samsung semiconductor M390S6450CT1 Datasheet HTML 4Page - Samsung semiconductor M390S6450CT1 Datasheet HTML 5Page - Samsung semiconductor M390S6450CT1 Datasheet HTML 6Page - Samsung semiconductor M390S6450CT1 Datasheet HTML 7Page - Samsung semiconductor M390S6450CT1 Datasheet HTML 8Page - Samsung semiconductor M390S6450CT1 Datasheet HTML 9Page - Samsung semiconductor M390S6450CT1 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M390S6450CT1
PC133 Registered DIMM
Rev. 0.2 Sept. 2001
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
-7C
-7A
Operating current
(One bank active)
ICC1
Burst length =1
tRC
≥ tRC(min)
IO = 0 mA
2300
2120
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
386
mA
3
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
38
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
710
mA
3
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
182
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
458
mA
3
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
110
Active standby current in
non power-down mode
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
890
mA
3
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
452
mA
3
Operating current
(Burst mode)
ICC4
IO = 0mA
Page Burst
4 Banks activated
tCCD=2CLK
2480
2480
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
4460
4100
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
404
mA
3
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Measured with 1 PLL & 3 Drive ICs.
4. Unless otherwise noted, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ)
Notes :


Similar Part No. - M390S6450CT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M390S6450ET1-C7A SAMSUNG-M390S6450ET1-C7A Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M390S6450ETU-C7A SAMSUNG-M390S6450ETU-C7A Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M390S6450HU1 SAMSUNG-M390S6450HU1 Datasheet
153Kb / 8P
   SDRAM Product Guide
M390S6450HUU SAMSUNG-M390S6450HUU Datasheet
153Kb / 8P
   SDRAM Product Guide
More results

Similar Description - M390S6450CT1

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD64M72D18RP HANBIT-HSD64M72D18RP Datasheet
201Kb / 11P
   Synchronous DRAM Module 512Mbyte (64Mx72bit), DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V
logo
Samsung semiconductor
M366S3253DTS SAMSUNG-M366S3253DTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253BTS SAMSUNG-M366S3253BTS Datasheet
167Kb / 10P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253CTS SAMSUNG-M366S3253CTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1654CTS SAMSUNG-M366S1654CTS Datasheet
173Kb / 11P
   16Mx64 SDRAM DIMM based on 16Mx16, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M390S2858DT1 SAMSUNG-M390S2858DT1 Datasheet
239Kb / 12P
   128Mx72 SDRAM DIMM with PLL & Register based on Stacked 128Mx4, 4Banks 8K Ref., 3.3V SDRAMs with SPD
M366S3323DTS SAMSUNG-M366S3323DTS Datasheet
175Kb / 11P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
PC133 SAMSUNG-PC133 Datasheet
166Kb / 11P
   32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1623ET0 SAMSUNG-M366S1623ET0 Datasheet
176Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com