Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS74FCT2245CTSO Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTQS74FCT2245CTSO
Description  HIGH-SPEED CMOS 8-BIT TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS74FCT2245CTSO Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTQS74FCT2245CTSO Datasheet HTML 1Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 2Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 3Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 4Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 5Page - Integrated Device Technology IDTQS74FCT2245CTSO Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDTQS74FCT2245T/AT/CT
HIGH-SPEEDCMOS8-BITTRANSCEIVER
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current Max Current Sink/Pin
+120
mA
IIK
Input Diode Current, VIN < 0
-20
mA
IOK
DC Output Current, VOUT < 0
-50
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
Pin Names
I/O
Description
A x
I/O
Data Bus A
B x
I/O
Data Bus B
T/R
I
Direction
OE
I
Output Enable Input (Active LOW)
PIN DESCRIPTION
SOIC/ QSOP
TOP VIEW
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High-Impedance
FUNCTION TABLE(1)
OE
T/R
A
B
Function
H
X
Z
Z
Disable
L
L
Output
Input
Bus B to Bus A
L
H
Input
Output
Bus A to Bus B
2
3
1
A1
VCC
16
15
14
B4
B3
B5
B1
B2
11
B7
B6
B0
19
18
20
17
13
12
T/R
5
6
A6
7
A4
A5
4
A2
A3
8
9
GND
10
A7
A0
OE


Similar Part No. - IDTQS74FCT2245CTSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT2244 IDT-IDTQS74FCT2244 Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244ATQ IDT-IDTQS74FCT2244ATQ Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244ATSO IDT-IDTQS74FCT2244ATSO Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244CTQ IDT-IDTQS74FCT2244CTQ Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244CTSO IDT-IDTQS74FCT2244CTSO Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDTQS74FCT2245CTSO

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM74HC245 HMSEMI-HM74HC245 Datasheet
1Mb / 9P
   high-speed CMOS 8-bit bus transceiver using silicon gate technology.
logo
Texas Instruments
SN65LVDM320 TI-SN65LVDM320 Datasheet
435Kb / 32P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL 8-BIT REGISTERED TRANSCEIVER
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Texas Instruments
CD54HC259 TI-CD54HC259 Datasheet
271Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259_08 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com