Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4391A Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4391A
Description  24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4391A Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4391A Datasheet HTML 13Page - Cirrus Logic CS4391A Datasheet HTML 14Page - Cirrus Logic CS4391A Datasheet HTML 15Page - Cirrus Logic CS4391A Datasheet HTML 16Page - Cirrus Logic CS4391A Datasheet HTML 17Page - Cirrus Logic CS4391A Datasheet HTML 18Page - Cirrus Logic CS4391A Datasheet HTML 19Page - Cirrus Logic CS4391A Datasheet HTML 20Page - Cirrus Logic CS4391A Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
CS4391A
DS600PP3
17
3.5
MODE CONTROL 2 (ADDRESS 05H)
INVERT_A (Invert Channel A)
Default = ‘0’.
0 - Disabled
1 - Enabled
INVERT_B (Invert Channel B)
Default = ‘0’.
0 - Disabled
1 - Enabled
CPEN (Control Port Enable)
Default = ‘0’
0 - Disabled (Stand-Alone Mode)
1 - Enabled (Control Port Mode)
PDN (Power-Down)
Default =’1’.
0 - Disabled
1 - Enabled
MUTEC A=B
Default = ‘0’.
0 - Disabled
1 - Enabled
FREEZE
Default = 0.
0 - Disabled
1 - Enabled
MCLK Divide
Default = 0.
0 - Disabled
1 - Enabled
76543
210
INVERT_A
INVERT_B
CPEN
PDN
MUTEC A = B
FREEZE
MCLK Divide
Reserved
00110
000


Similar Part No. - CS4391A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4391-KZ CIRRUS-CS4391-KZ Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391-KZ CIRRUS-CS4391-KZ Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
CS4391-KZ ETC2-CS4391-KZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CS4391A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com