Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4351-CZZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4351-CZZ
Description  192 kHz STEREO DAC WITH 2 Vrms LINE OUT
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351-CZZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4351-CZZ Datasheet HTML 4Page - Cirrus Logic CS4351-CZZ Datasheet HTML 5Page - Cirrus Logic CS4351-CZZ Datasheet HTML 6Page - Cirrus Logic CS4351-CZZ Datasheet HTML 7Page - Cirrus Logic CS4351-CZZ Datasheet HTML 8Page - Cirrus Logic CS4351-CZZ Datasheet HTML 9Page - Cirrus Logic CS4351-CZZ Datasheet HTML 10Page - Cirrus Logic CS4351-CZZ Datasheet HTML 11Page - Cirrus Logic CS4351-CZZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
CS4351
8
DS566PP2
DAC ANALOG CHARACTERISTICS (Test conditions (unless otherwise specified): input test sig-
nal is a 997 Hz sine wave at 0 dBFS; measurement bandwidth 10 Hz to 20 kHz)
Notes: 1. One-half LSB of triangular PDF dither is added to data.
ANALOG CHARACTERISTICS (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
All Speed Modes
Fs = 48, 96, and 192 kHz
Dynamic Range (Note 2)
24-bit
unweighted
A-Weighted
16-bit
unweighted
A-Weighted
99
102
-
-
109
112
95
98
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-100
-89
-49
-92
-75
-35
-90
-79
-39
-
-
-
dB
dB
dB
dB
dB
dB
All Speed Modes
Idle Channel Noise / Signal-to-noise ratio
-
109
-
dB
Interchannel Isolation
(1 kHz)
-
100
-
dB
Parameters
Symbol
Min
Typ
Max
Units
Analog Output - All Modes
Full Scale Output Voltage
1.9
2.0
2.1
Vrms
Common Mode Voltage
VQ
-4
-
Vdc
Max DC Current draw from an AOUT pin
IOUTmax
-10-
µA
Max Current draw from VQ
IQmax
-1
-
µA
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Output Impedance
ZOUT
-50-
AC-Load Resistance
RL
5-
-
k
Load Capacitance
CL
--
100
pF


Similar Part No. - CS4351-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351-CZZ CIRRUS-CS4351-CZZ Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4351-CZZR CIRRUS-CS4351-CZZR Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results

Similar Description - CS4351-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com