Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX88C Datasheet(PDF) 1 Page - STMicroelectronics

Part # BDX88C
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BDX88C Datasheet(HTML) 1 Page - STMicroelectronics

  BDX88C Datasheet HTML 1Page - STMicroelectronics BDX88C Datasheet HTML 2Page - STMicroelectronics BDX88C Datasheet HTML 3Page - STMicroelectronics BDX88C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDX87C
BDX88C
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
DESCRIPTION
The BDX87C is a silicon epitaxial-base NPN
power
transistors
in
monolithic
Darlington
configuration and are mounted in Jedec TO-3
metal case. They are intented for use in power
linear and switching applications.
The complementary PNP types is the BDX88C.
INTERNAL SCHEMATIC DIAGRAM
June 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
NPN
BDX87C
PNP
BDX88C
VCBO
Collector-base Voltage (IE = 0)
100
V
VCEO
Collector-emitter Voltage (IB = 0)
100
V
VEBO
Emitter-base Voltage (IC = 0)
5
V
IC
Collector Current
12
A
ICM
Collector Peak Current (repetitive)
18
A
IB
Base Current
0.2
A
Ptot
Total Dissipation at Tc
≤ 25 oC
120
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1
2
TO-3
R1 Typ. = 6 K
R2 Typ. = 55
1/4


Similar Part No. - BDX88C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BDX88C CENTRAL-BDX88C Datasheet
53Kb / 1P
   Power Transistors
logo
Savantic, Inc.
BDX88C SAVANTIC-BDX88C Datasheet
111Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BDX88C ISC-BDX88C Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
BDX88C ISC-BDX88C Datasheet
230Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Savantic, Inc.
BDX88C SAVANTIC-BDX88C Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - BDX88C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com