Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M4V64S30ATP-8A Datasheet(PDF) 12 Page - Mitsubishi Electric Semiconductor

Part No. M5M4V64S30ATP-8A
Description  64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V64S30ATP-8A Datasheet(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button M5M4V64S30ATP-8A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 16Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8A,-8L,-8, -10L, -10
Mar'98
SDRAM (Rev.1.3)
POWER ON SEQUENCE
Before starting normal operation, the following power on sequence is necessary to prevent a SDRAM
from damaged or malfunctioning.
1. Apply power and start clock. Attempt to maintain CKE high, DQM high and NOP condition at the inputs.
2. Maintain stable power, stable clock, and NOP input conditions for a minimum of 200µs.
3. Issue precharge commands for all banks. (PRE or PREA)
4. After all banks become idle state (after tRP), issue 8 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
After these sequence, the SDRAM is idle state and ready for normal operation.
MODE REGISTER
Burst Length, Burst Type and /CAS Latency can be programmed by
setting the mode register (MRS). The mode register stores these data
until the next MRS command, which may be issued when both banks
are in
Å@idle state. After tRSC from a MRS command, the SDRAM is
ready for new command.
R: Reserved for Future Use
BL
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
BURST
LENGTH
BT= 0
BT= 1
1
2
4
8
R
R
R
FP
1
2
4
8
R
R
R
R
0
1
BURST
TYPE
SEQUENTIAL
INTERLEAVED
A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA1
BA0
0
0
WM
0
0
LTMODE
BT
BL
0
0
CL
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
LATENCY
MODE
/CAS LATENCY
2
3
R
R
R
R
R
R
/CS
/RAS
/CAS
/WE
BA0,1 A11-A0
CLK
V
12
FP: Full Page
0
1
WRITE
MODE
BURST
SINGLE BIT


Similar Part No. - M5M4V64S30ATP-8A

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results

Similar Description - M5M4V64S30ATP-8A

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
Alliance Semiconductor Corporation
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
   64M x 4 bit Synchronous DRAM (SDRAM)
NEC
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
Elpida Memory
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
OKI electronic componets
OKI electronic componet...
MD56V62800A OKI-MD56V62800A Datasheet
367Kb / 28P
   4-Bank x 2,097,152-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
Hynix Semiconductor
Hynix Semiconductor
GM72V66841ET HYNIX-GM72V66841ET Datasheet
90Kb / 10P
   2,097,152 WORD x 8 BIT x 4 BANK SYNCHRONOUS DYNAMIC RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz