Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M4V64S30ATP-8A Datasheet(PDF) 31 Page - Mitsubishi Electric Semiconductor

Part No. M5M4V64S30ATP-8A
Description  64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V64S30ATP-8A Datasheet(HTML) 31 Page - Mitsubishi Electric Semiconductor

Back Button M5M4V64S30ATP-8A Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 35Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8A,-8L,-8, -10L, -10
Mar'98
SDRAM (Rev.1.3)
31
SWITCHING CHARACTERISTICS
(Ta=0 ~ 70°C, Vdd = VddQ = 3.3 ± 0.3v, Vss = VssQ = 0v, unless otherwise noted see note3)
Output Load Condition
VOUT
VREF =1.4V
50pF
50
VTT=1.4V
DQ
CLK
Output Timing
Measurement
Reference Point
1.4V
1.4V
1.4V
1.4V
DQ
CLK
tAC
tOH
tOHZ
Symbol Parameter
Limits
Unit
-8A
Min.
Max.
Min.
Max.
Min.
Max.
tAC
Access time from CLK
CL=2
8
9
9
ns
CL=3
6
6
8
ns
tOH
Output Hold time from
CLK
2.5
3
3
ns
tOLZ
Delay time, output low
impedance from CLK
0
0
0
ns
tOHZ
Delay time, output high
impedance from CLK
2.5
6
3
6
3
8
ns
Note:3
If tr(clock rising time) is longer than 1ns, (tT/2-0.5)ns should be added to the parameter.
-10L, -10
-8L,-8


Similar Part No. - M5M4V64S30ATP-8A

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results

Similar Description - M5M4V64S30ATP-8A

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
Alliance Semiconductor Corporation
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
   64M x 4 bit Synchronous DRAM (SDRAM)
NEC
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
Elpida Memory
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
OKI electronic componets
OKI electronic componet...
MD56V62800A OKI-MD56V62800A Datasheet
367Kb / 28P
   4-Bank x 2,097,152-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
Hynix Semiconductor
Hynix Semiconductor
GM72V66841ET HYNIX-GM72V66841ET Datasheet
90Kb / 10P
   2,097,152 WORD x 8 BIT x 4 BANK SYNCHRONOUS DYNAMIC RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz