Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M4V64S30ATP-8A Datasheet(PDF) 30 Page - Mitsubishi Electric Semiconductor

Part # M5M4V64S30ATP-8A
Description  64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V64S30ATP-8A Datasheet(HTML) 30 Page - Mitsubishi Electric Semiconductor

Back Button M5M4V64S30ATP-8A Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M5M4V64S30ATP-8A Datasheet HTML 34Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8A,-8L,-8, -10L, -10
Mar'98
SDRAM (Rev.1.3)
CLK
Signal
1.4V
1.4V
Any AC timing is
referenced to the input
signal crossing through
1.4V.
AC TIMING REQUIREMENTS
(Ta=0 ~ 70°C, Vdd = VddQ = 3.3 ± 0.3v, Vss = VssQ = 0v, unless otherwise noted)
Input Pulse Levels:
0.8V to 2.0V
Input Timing Measurement Level:
1.4V
30
Symbol Parameter
Limits
Unit
note
Min.
Max.
Min.
Max.
Min.
Max.
tCLK
CLK cycle time
CL=2
12
15
ns
CL=3
8
10
ns
tCH
CLK High pulse width
3
3
ns
tCL
CLK Low pulse width
3
3
ns
tT
Transition time of CLK
1
10
1
10
10
ns
tIS
Input Setup time (all inputs)
2
2
ns
tIH
Input Hold time (all inputs)
1
1
ns
tRC
Row Cycle time
72
70
ns
tRCD
Row to Column Delay
20
20
ns
tRAS
Row Active time
48
100K
50
100K
100K
ns
tRP
Row Precharge time
20
20
ns
tWR
Write Recovery time
10
10
ns
tRRD
Act to Act Delay time
16
20
ns
2
tCCD
Col to Col Delay time
8
10
ns
tRSC
Mode Register Set
Cycle time
16
20
ns
tSRX
Self Refresh Exit time
8
10
ns
tREF
Refresh Interval time
64
64
64
ms
15
10
4
4
1
3
1
90
30
60
30
10
20
10
20
10
Note:1
The timing requirements are assumed tT=1ns. If tT is longer than 1ns, (tT-1)ns should be
added to the parameter.
2
2 ACT commands are allowed within tRC.
1
1
1
1
-8A
-10L, -10
-8L,-8


Similar Part No. - M5M4V64S30ATP-8A

ManufacturerPart #DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results

Similar Description - M5M4V64S30ATP-8A

ManufacturerPart #DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
Alliance Semiconductor Corporation
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
   64M x 4 bit Synchronous DRAM (SDRAM)
NEC
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
Elpida Memory
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
OKI electronic componets
OKI electronic componet...
MD56V62800A OKI-MD56V62800A Datasheet
367Kb / 28P
   4-Bank x 2,097,152-Word x 8-Bit SYNCHRONOUS DYNAMIC RAM
Hynix Semiconductor
Hynix Semiconductor
GM72V66841ET HYNIX-GM72V66841ET Datasheet
90Kb / 10P
   2,097,152 WORD x 8 BIT x 4 BANK SYNCHRONOUS DYNAMIC RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com